Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19124 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 29Page - Microchip Technology MCP19124 Datasheet HTML 30Page - Microchip Technology MCP19124 Datasheet HTML 31Page - Microchip Technology MCP19124 Datasheet HTML 32Page - Microchip Technology MCP19124 Datasheet HTML 33Page - Microchip Technology MCP19124 Datasheet HTML 34Page - Microchip Technology MCP19124 Datasheet HTML 35Page - Microchip Technology MCP19124 Datasheet HTML 36Page - Microchip Technology MCP19124 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 33
MCP19124/5
FIGURE 5-3:
I/O TIMING
TABLE 5-2:
I/O TIMING REQUIREMENTS
Param.
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
17
TosH2ioV
OSC1
 (Q1 cycle) to Port
out valid
—
50
70*
ns
18
TosH2ioI
OSC1
(Q2 cycle) to Port
input invalid
(I/O in hold time)
50
—
—
ns
19
TioV2osH
Port input valid to OSC1

(I/O in setup time)
20
—
—
ns
20
TioR
Port output rise time
—
32
40
ns
21
TioF
Port output fall time
—
15
30
ns
22*
Tinp
INT pin high or low time
25
—
—
ns
23*
TRABP
GPIO
interrupt-on-change
new input level time
TCY
——
ns
* These parameters are characterized but not tested.
† Data in “Typ” column is at VIN = 12V (VDD =5V), 25C unless otherwise stated.
OSC
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
17
20, 21
22
23
19
18
old value
new value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com