Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19124 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 12Page - Microchip Technology MCP19124 Datasheet HTML 13Page - Microchip Technology MCP19124 Datasheet HTML 14Page - Microchip Technology MCP19124 Datasheet HTML 15Page - Microchip Technology MCP19124 Datasheet HTML 16Page - Microchip Technology MCP19124 Datasheet HTML 17Page - Microchip Technology MCP19124 Datasheet HTML 18Page - Microchip Technology MCP19124 Datasheet HTML 19Page - Microchip Technology MCP19124 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 236 page
background image
MCP19124/5
DS20005619A-page 16
 2016 Microchip Technology Inc.
2.1.8
GPB0 PIN
GPB0 is a true open-drain general-purpose pin whose
data direction is controlled in TRISGPB. There is no
internal connection between this pin and device VDD.
This pin does not have a weak pull-up, but
interrupt-on-change
is
available.
When
the
MCP19124/5 are configured for I2C communication,
Section 28.2 “I2C Mode Overview”, GPB0 functions
as the I2C clock (SDA). This pin must be configured as
an input to allow proper operation.
2.1.9
GPB1 PIN
GPB1 is a general-purpose TTL input or CMOS output
pin whose data direction is controlled in TRISGPB. An
internal weak pull-up and interrupt-on-change are also
available.
AN4 is an input to the A/D. To configure this pin to be
read by the A/D on channel 4, bits TRISB1 and ANSB1
must be set.
When the MCP19124/5 are configured as a master,
this pin can be configured to be the VREF2 DAC output.
2.1.10
GPB4 PIN (MCP19125 ONLY)
GPB4 is a general-purpose TTL input or CMOS output
pin whose data direction is controlled in TRISGPB. An
internal weak pull-up and interrupt-on-change are also
available.
AN5 is an input to the A/D. To configure this pin to be
read by the A/D on channel 5, bits TRISB4 and ANSB4
must be set.
ICSPDAT is the primary serial programming data I/O
function. This is used in conjunction with ICSPCLK to
serial program the device.
2.1.11
GPB5 PIN (MCP19125 ONLY)
GPB5 is a general-purpose TTL input or CMOS output
pin whose data direction is controlled in TRISGPB. An
internal weak pull-up and interrupt-on-change are also
available.
AN6 is an input to the A/D. To configure this pin to be
read by the A/D on channel 6, bits TRISB5 and ANSB5
must be set.
ICSPCLK is the primary serial programming clock
function. This is used in conjunction with ICSPDAT to
serial program the device.
2.1.12
GPB6 PIN (MCP19125 ONLY)
GPB6 is a general-purpose TTL input or CMOS output
pin whose data direction is controlled in TRISGPB. An
internal weak pull-up and interrupt-on-change are also
available.
AN7 is an input to the A/D. To configure this pin to be
read by the A/D on channel 7, bits TRISB6 and ANSB6
must be set.
2.1.13
GPB7 PIN (MCP19125 ONLY)
GPB7 is a general-purpose TTL input or CMOS output
pin whose data direction is controlled in TRISGPB. An
internal weak pull-up and interrupt-on-change are also
available.
GPB7 is part of the CCD Module. For more information,
refer to Section 24.0 “Dual Capture/Compare (CCD)
Module”.
2.1.14
DESATN PIN
Internal comparator inverting input. Used during
quasi-resonant operation for desaturation detection.
2.1.15
DESATP PIN
When using the internal comparator for desaturation
detection during quasi-resonant operation, this pin
connects to the comparator’s noninverting input.
2.1.16
ISP PIN
The noninverting input to internal current sense
amplifier, typically used to differentially remote sense
secondary current. This pin can be internally pulled-up
to VDD by setting the ISPUEN bit in the PE1 register.
2.1.17
ISN PIN
The inverting input to internal current sense amplifier,
typically used to differentially remote sense secondary
current.
2.1.18
IP PIN
Primary input current sense for current mode control
and peak current limit. For voltage mode control, this
pin can be connected to an artificial ramp.
2.1.19
AGND PIN
AGND is the small signal ground connection pin. This
pin should be connected to the exposed pad on the
bottom of the package.
2.1.20
PGND PIN
Connect all large signal level ground returns to PGND.
These large-signal level ground traces should have a
small loop area and minimal length to prevent coupling
of switching noise to sensitive traces.
2.1.21
SDRV PIN
The gate of the low-side secondary MOSFET is
connected to SDRV. The PCB trace connecting SDRV
to the gate must be of minimal length and appropriate
width to handle the high-peak drive current and fast
voltage transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com