Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19124 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 5 Page - Microchip Technology

  MCP19124 Datasheet HTML 1Page - Microchip Technology MCP19124 Datasheet HTML 2Page - Microchip Technology MCP19124 Datasheet HTML 3Page - Microchip Technology MCP19124 Datasheet HTML 4Page - Microchip Technology MCP19124 Datasheet HTML 5Page - Microchip Technology MCP19124 Datasheet HTML 6Page - Microchip Technology MCP19124 Datasheet HTML 7Page - Microchip Technology MCP19124 Datasheet HTML 8Page - Microchip Technology MCP19124 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 5
MCP19124/5
TABLE 2:
28-PIN (MCP19125) SUMMARY
Basic
Additional
GPA0
1
Y
AN0
—
—
IOC
Y
—
Analog/Digital Debug Output (1)
GPA1
2
Y
AN1
—
—
IOC
Y
—
Sync Signal In/Out (2)
GPA2
3
Y
AN2
T0CKI
—
IOC
INT
Y
—
—
GPA3
5
Y
AN3
—
—
IOC
Y
—
—
GPA5
8
N
—
—
—
IOC (3)
Y (4)
MCLR
Test Enable Input
GPA6
7
N
—
—
—
IOC
Y
—
Dual Capture/Single Compare1
Input
GPA7
6
N
—
—
SCL
IOC
N
—
—
GPB0
10
N
—
—
SDA
IOC
N
—
—
GPB1
26
Y
AN4
—
—
IOC
Y
—
VREF2 (5)
GPB4
4
Y
AN5
—
—
IOC
Y
ICSPDAT
—
GPB5
27
Y
AN6
—
—
IOC
Y
ICSPCLK
—
GPB6
28
Y
AN7
—
—
IOC
Y
—
—
GPB7
9
Y
—
—
—
IOC
Y
—
Single Compare2 Input
DESATN 11
N
—
—
—
—
—
—
DESAT Negative Input
DESATP 12
N
—
—
—
—
—
—
DESAT Positive input
ISP
13
N
—
—
—
—
Y
—
Current Sense Amplifier
Noninverting Input
ISN
14
N
—
—
—
—
—
—
Current Sense Amplifier
Inverting Input
IP
15
N
—
—
—
—
—
—
Primary Input Current Sense
AGND
16
N
—
—
—
—
—
AGND
Small Signal Ground
PGND
17
N
—
—
—
—
—
PGND
Large Signal Ground
SDRV
18
N
—
—
—
—
—
—
Secondary LS Gate Drive
Output
PDRV
19
N
—
—
—
—
—
—
Primary LS Gate Drive Output
VDR
20
N
—
—
—
—
—
VDR
Gate Drive Supply Voltage
VDD
21
N
—
—
—
—
—
VDD
VDD Output
VIN
22
N
—
—
—
—
—
VIN
Input Supply Voltage
VS
23
N
—
—
—
—
—
—
Output Voltage Sense
VCOMP
24
N
—
—
—
—
—
—
EA2 Voltage Error Amplifier Output
ICOMP
25
N
—
—
—
—
—
—
EA1 Current Error Amplifier Output
EXP
29
N
—
—
—
—
—
—
Exposed Thermal Tab
Note 1: The Analog/Digital Debug Output is selected through the control of the ABECON register.
2: Selected when functioning as master or slave by proper configuration of the MSC<1:0> bits in the
MODECON register.
3: The IOC is disabled when MCLR is enabled.
4: Weak pull-up always enabled when MCLR is enabled, otherwise the pull-up is under user control.
5: VREF2 output selected when configured as master by proper configuration of the MSC<1:0> bits in the
MODECON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com