Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19124 Datasheet(PDF) 74 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 74 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 70Page - Microchip Technology MCP19124 Datasheet HTML 71Page - Microchip Technology MCP19124 Datasheet HTML 72Page - Microchip Technology MCP19124 Datasheet HTML 73Page - Microchip Technology MCP19124 Datasheet HTML 74Page - Microchip Technology MCP19124 Datasheet HTML 75Page - Microchip Technology MCP19124 Datasheet HTML 76Page - Microchip Technology MCP19124 Datasheet HTML 77Page - Microchip Technology MCP19124 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 236 page
background image
TABLE 10-2:
MCP19124/5 SPECIAL REGISTERS SUMMARY BANK 0
Addr.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on POR Reset
Value on all other resets (1)
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
xxxx xxxx
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
uuuu uuuu
02h
PCL
Program Counter's (PC) Least Significant byte
0000 0000
0000 0000
03h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
04h
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
05h
PORTGPA
GPA7
GPA6
GPA5
—
GPA3
GPA2
GPA1
GPA0
xxx- xxxx
uuu- uuuu
06h
PORTGPB
GPB7
GPB6
GPB5
GPB4
—
—GPB1
GPB0
xxxx --xx
uuuu --uu
07h
PIR1
—
—
BCLIF
SSPIF
CC2IF
CC1IF
TMR2IF
TMR1IF
--00 0000
--00 0000
08h
PIR2
CDSIF
ADIF
—
OTIF
OVIF
DRUVIF
OVLOIF
UVLOIF
00-0 0000
00-0 0000
09h
PCON
ADC_REFR
—
—
—
VDDFLAG
VDDOK
POR
BOR
0--- 10qq
0--- 10uu
0Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
0Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCE
T0IF
INTF
IOCF (2)
0000 000x
0000 000u
0Ch
TMR1L
Holding register for the Least Significant byte of the 16-bit TMR1
xxxx xxxx
uuuu uuuu
0Dh
TMR1H
Holding register for the Most Significant byte of the 16-bit TMR1
xxxx xxxx
uuuu uuuu
0Eh
T1CON
—
—
T1CKPS1
T1CKPS0
—
—
TMR1CS
TMR1ON
--00 --00
--uu --uu
0Fh
TMR2
Timer2 Module Register
0000 0000
uuuu uuuu
10h
T2CON
—
—
—
—
—
TMR2ON
T2CKPS1
T2CKPS0
---- -000
---- -000
11h
PR2
Timer2 Module Period Register
1111 1111
1111 1111
12h
—
Unimplemented
—
—
13h
PWMPHL
SLAVE Phase Shift Register
xxxx xxxx
uuuu uuuu
14h
PWMPHH
SLAVE Phase Shift Register
xxxx xxxx
uuuu uuuu
15h
PWMRL
PWM Register Low Byte
xxxx xxxx
uuuu uuuu
16h
PWMRH
PWM Register High Byte
xxxx xxxx
uuuu uuuu
17h
—
Unimplemented
—
—
18h
—
Unimplemented
—
—
19h
VREFCON
VREF7
VREF6
VREF5
VREF4
VREF3
VREF2
VREF1
VREF0
0000 0000
0000 0000
1Ah
VREF2CON
VREF2<7:0>
0000 0000
0000 0000
1Bh
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
---0 0000
1Ch
ADRESL
Least significant 8 bits of the A/D result
xxxx xxxx
uuuu uuuu
1Dh
ADRESH
Most significant 2 bits of the A/D result
0000 00xx
0000 00uu
1Eh
ADCON0
—
CHS4
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
-000 0000
-000 0000
1Fh
ADCON1
—
ADCS2
ADCS1
ADCS0
—
—
—VCFG
-000 ---0
-000 ---0
Legend: — = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note 1: Other (non power-up) resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2: MCLR and WDT reset does not affect the previous value data latch. The IOCF bit will be cleared upon reset but will be set again if the mismatch exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com