Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19124 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 40Page - Microchip Technology MCP19124 Datasheet HTML 41Page - Microchip Technology MCP19124 Datasheet HTML 42Page - Microchip Technology MCP19124 Datasheet HTML 43Page - Microchip Technology MCP19124 Datasheet HTML 44Page - Microchip Technology MCP19124 Datasheet HTML 45Page - Microchip Technology MCP19124 Datasheet HTML 46Page - Microchip Technology MCP19124 Datasheet HTML 47Page - Microchip Technology MCP19124 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 236 page
background image
MCP19124/5
DS20005619A-page 44
 2016 Microchip Technology Inc.
6.5
Primary Input Current Offset
Adjust
Primary input current offset adjust provides the ability
to add offset to the primary input current signal, thus
setting a peak primary current limit. This offset adjust is
controlled using the four bits in the ICOACON register.
REGISTER 6-7:
ICOACON: INPUT CURRENT OFFSET ADJUST CONTROL REGISTER
U-0
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
—
—
—
—
ICOAC3
ICOAC2
ICOAC1
ICOAC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
ICOAC<3:0>: Input Current Offset Adjustment Configuration bits
0000
= 0 mV
0001
= 50 mV
0010
= 100 mV
0011
= 150 mV
0100
= 200 mV
0101
= 250 mV
0110
= 300 mV
0111
= 350 mV
1000
= 400 mV
1001
= 450 mV
1010
= 500 mV
1011
= 550 mV
1100
= 600 mV
1101
= 650 mV
1110
= 700 mV
1111
= 750 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com