Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19124 Datasheet(PDF) 101 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 101 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 97Page - Microchip Technology MCP19124 Datasheet HTML 98Page - Microchip Technology MCP19124 Datasheet HTML 99Page - Microchip Technology MCP19124 Datasheet HTML 100Page - Microchip Technology MCP19124 Datasheet HTML 101Page - Microchip Technology MCP19124 Datasheet HTML 102Page - Microchip Technology MCP19124 Datasheet HTML 103Page - Microchip Technology MCP19124 Datasheet HTML 104Page - Microchip Technology MCP19124 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 101
MCP19124/5
14.0 POWER-DOWN MODE (SLEEP)
Power-Down mode is entered by executing a SLEEP
instruction.
Upon entering Sleep mode, the following conditions
occur:
1.
WDT will be cleared but keeps running, if
enabled for operation during Sleep.
2.
PD bit in the STATUS register is cleared.
3.
TO bit in the STATUS register is set.
4.
CPU clock is disabled.
5.
The ADC is inoperable due to the absence of the
4V LDO power (AVDD) while the ADC Reference
is set to AVDD. To minimize sleep current the
ADC Reference must be set to the default AVDD.
6.
I/O ports maintain the status they had before
SLEEP
was executed (driving high, low or
high-impedance).
7.
Resets other than WDT and BOR are not
affected by Sleep mode.
8.
Analog Circuit power (AVDD) is removed during
Sleep mode.
Refer to individual chapters for more details on
peripheral operation during Sleep.
To minimize current consumption, the following
conditions should be considered:
• Disable both Error Amplifiers by setting bits 1 and
2 in the ABECON Register.
• I/O pins should not be floating
• External circuitry sinking current from I/O pins
• Internal circuitry sourcing current from I/O pins
• Current draw from pins with internal weak pull-ups
• Modules using Timer1 oscillator
• ADC Reference must be set to the default
condition (AVDD).
•VDR will draw a small amount of current from VDD
when powered from VDD. To eliminate this small
current, disconnect VDR from VDD during Sleep.
• I/O pins that are high-impedance inputs should be
pulled to VDD or GND externally to avoid
switching currents caused by floating inputs.
The SLEEP instruction removes power from the analog
circuitry. AVDD is shut down to minimize current draw in
Sleep mode and to maintain a shutdown current of
50 µA typical. The 5V LDO (VDD) voltage drops to 2.9V
minimum in Sleep mode. External current draw from
the 5V LDO (VDD) should be limited to less than 1mA.
Loads drawing more than 1mA externally during Sleep
mode risk loading down the VDD voltage and tripping
POR.
A POR event during Sleep mode will wake the device
from Sleep. The enable state of the analog circuitry
does not change with the execution of the SLEEP
instruction.
14.1
Wake-Up from Sleep
The device can wake up from Sleep through one of the
following events:
1.
External Reset input on MCLR pin, if enabled
2.
POR Reset
3.
Watchdog Timer, if enabled
4.
Any external interrupt
5.
Interrupts by peripherals capable of running
during Sleep (see individual peripheral for more
information).
The first two events will cause a device reset. The last
three events are considered a continuation of program
execution. To determine whether a device reset or
wake-up event occurred, refer to Section 12.7
“Determining the Cause of a Reset”.
The following peripheral interrupts can wake the device
from Sleep:
1.
Interrupt-on-change
2.
External Interrupt from INT pin
When the SLEEP instruction is being executed, the next
instruction (PC + 1) is prefetched. For the device to
wake up through an interrupt event, the corresponding
interrupt enable bit must be enabled. Wake-up will
occur regardless of the state of the GIE bit. If the GIE
bit is disabled, the device continues execution at the
instruction after the SLEEP instruction. If the GIE bit is
enabled, the device executes the instruction after the
SLEEP
instruction and will then call the Interrupt
Service Routine. In cases where the execution of the
instruction following SLEEP is not desirable, the user
should have an NOP after the SLEEP instruction.
The WDT is cleared when the device wakes up from
Sleep, regardless of the source of wake-up.
14.1.1
WAKE-UP USING INTERRUPTS
When global interrupts are disabled (GIE cleared) and
any interrupt source has both its interrupt enable bit
and interrupt flag bit set, one of the following will occur:
• If the interrupt occurs before the execution of a
SLEEP
instruction
- SLEEP instruction will execute as a NOP.
- WDT and WDT prescaler will not be cleared.
-TO bit in the STATUS register will not be set.
-PD bit in the STATUS register will not be
cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com