Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33TR Datasheet(PDF) 53 Page - STMicroelectronics

Part # LSM6DS33TR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33TR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button LSM6DS33TR Datasheet HTML 49Page - STMicroelectronics LSM6DS33TR Datasheet HTML 50Page - STMicroelectronics LSM6DS33TR Datasheet HTML 51Page - STMicroelectronics LSM6DS33TR Datasheet HTML 52Page - STMicroelectronics LSM6DS33TR Datasheet HTML 53Page - STMicroelectronics LSM6DS33TR Datasheet HTML 54Page - STMicroelectronics LSM6DS33TR Datasheet HTML 55Page - STMicroelectronics LSM6DS33TR Datasheet HTML 56Page - STMicroelectronics LSM6DS33TR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
DocID027423 Rev 4
53/77
LSM6DS33
Register description
77
9.19
CTRL9_XL (18h)
Linear acceleration sensor control register 9 (r/w).
Table 64. CTRL8_XL register description
LPF2_XL_EN
Accelerometer low-pass filter LPF2 selection. Refer to Figure 5.
HPCF_XL[1:0]
Accelerometer slope filter and high-pass filter configuration and cutoff
setting. Refer to Table 65.
HP_SLOPE_XL_EN Accelerometer slope filter / high-pass filter selection. Refer to Figure 5.
LOW_PASS_ON_6D Low-pass filter on 6D function selection. Refer to Figure 5.
Table 65. Accelerometer slope and high-pass filter selection and cutoff frequency
HPCF_XL[1:0]
Applied filter
HP filter cutoff frequency [Hz]
00
Slope
ODR_XL/50
01
High-pass
ODR_XL/100
10
High-pass
ODR_XL/9
11
High-pass
ODR_XL/400
Table 66. CTRL9_XL register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
Zen_XL
Yen_XL
Xen_XL
0(1)
0(1)
0(1)
Table 67. CTRL9_XL register description
Zen_XL
Accelerometer Z-axis output enable. Default value: 1
(0: Z-axis output disabled; 1: Z-axis output enabled)
Yen_XL
Accelerometer Y-axis output enable. Default value: 1
(0: Y-axis output disabled; 1: Y-axis output enabled)
Xen_XL
Accelerometer X-axis output enable. Default value: 1
(0: X-axis output disabled; 1: X-axis output enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com