Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33TR Datasheet(PDF) 60 Page - STMicroelectronics

Part # LSM6DS33TR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33TR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button LSM6DS33TR Datasheet HTML 56Page - STMicroelectronics LSM6DS33TR Datasheet HTML 57Page - STMicroelectronics LSM6DS33TR Datasheet HTML 58Page - STMicroelectronics LSM6DS33TR Datasheet HTML 59Page - STMicroelectronics LSM6DS33TR Datasheet HTML 60Page - STMicroelectronics LSM6DS33TR Datasheet HTML 61Page - STMicroelectronics LSM6DS33TR Datasheet HTML 62Page - STMicroelectronics LSM6DS33TR Datasheet HTML 63Page - STMicroelectronics LSM6DS33TR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
Register description
LSM6DS33
60/77
DocID027423 Rev 4
9.39
FIFO_STATUS2 (3Bh)
FIFO status control register (r). For a proper reading of the register, it is recommended to set the
BDU bit in CTRL3_C (12h) to 1.
Table 107. FIFO_STATUS2 register
Table 108. FIFO_STATUS2 register description
9.40
FIFO_STATUS3 (3Ch)
FIFO status control register (r). For a proper reading of the register, it is recommended to set the
BDU bit in CTRL3_C (12h) to 1.
Table 109. FIFO_STATUS3 register
Table 110. FIFO_STATUS3 register description
FTH
FIFO_
OVER_RUN
FIFO_
FULL
FIFO_
EMPTY
DIFF_
FIFO_11
DIFF_
FIFO_10
DIFF_
FIFO_9
DIFF_
FIFO_8
FTH
FIFO watermark status. Default value: 0
(0: FIFO filling is lower than watermark level(1);
1: FIFO filling is equal to or higher than the watermark level)
1. FIFO watermark level is set in FTH_[11:0] in FIFO_CTRL1 (06h) and FIFO_CTRL2 (07h)
FIFO_OVER_RUN FIFO overrun status. Default value: 0
(0: FIFO is not completely filled; 1: FIFO is completely filled)
FIFO_FULL
FIFO full status. Default value: 0
(0: FIFO is not full; 1: FIFO will be full at the next ODR)
FIFO_EMPTY
FIFO empty bit. Default value: 0
(0: FIFO contains data; 1: FIFO is empty)
DIFF_FIFO_[7:0]
Number of unread words (16-bit axes) stored in FIFO(2).
2. For a complete number of unread samples, consider DIFF_FIFO [11:8] in FIFO_STATUS1 (3Ah)
FIFO_
PATTERN
_7
FIFO_
PATTERN
_6
FIFO_
PATTERN
_5
FIFO_
PATTERN
_4
FIFO_
PATTERN
_3
FIFO_
PATTERN
_2
FIFO_
PATTERN
_1
FIFO_
PATTERN
_0
FIFO_
PATTERN_[7:0]
Word of recursive pattern read at the next reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com