Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33TR Datasheet(PDF) 61 Page - STMicroelectronics

Part # LSM6DS33TR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33TR Datasheet(HTML) 61 Page - STMicroelectronics

Back Button LSM6DS33TR Datasheet HTML 57Page - STMicroelectronics LSM6DS33TR Datasheet HTML 58Page - STMicroelectronics LSM6DS33TR Datasheet HTML 59Page - STMicroelectronics LSM6DS33TR Datasheet HTML 60Page - STMicroelectronics LSM6DS33TR Datasheet HTML 61Page - STMicroelectronics LSM6DS33TR Datasheet HTML 62Page - STMicroelectronics LSM6DS33TR Datasheet HTML 63Page - STMicroelectronics LSM6DS33TR Datasheet HTML 64Page - STMicroelectronics LSM6DS33TR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
DocID027423 Rev 4
61/77
LSM6DS33
Register description
77
9.41
FIFO_STATUS4 (3Dh)
FIFO status control register (r). For a proper reading of the register, it is recommended to set the
BDU bit in CTRL3_C (12h) to 1.
Table 111. FIFO_STATUS4 register
Table 112. FIFO_STATUS4 register description
9.42
FIFO_DATA_OUT_L (3Eh)
FIFO data output register (r). For a proper reading of the register, it is recommended to set the BDU bit
in CTRL3_C (12h) to 1.
9.43
FIFO_DATA_OUT_H (3Fh)
FIFO data output register (r). For a proper reading of the register, it is recommended to set the BDU bit
in CTRL3_C (12h) to 1.
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
FIFO_
PATTERN_9
FIFO_
PATTERN_8
FIFO_
PATTERN_[9:8]
Word of recursive pattern read at the next reading.
Table 113. FIFO_DATA_OUT_L register
DATA_
OUT_
FIFO_L_7
DATA_
OUT_
FIFO_L_6
DATA_
OUT_
FIFO_L_5
DATA_
OUT_
FIFO_L_4
DATA_
OUT_
FIFO_L_3
DATA_
OUT_
FIFO_L_2
DATA_
OUT_
FIFO_L_1
DATA_
OUT_
FIFO_L_0
Table 114. FIFO_DATA_OUT_L register description
DATA_OUT_FIFO_L_[7:0]
FIFO data output (first byte)
Table 115. FIFO_DATA_OUT_H register
DATA_
OUT_
FIFO_H_7
DATA_
OUT_
FIFO_H_6
DATA_
OUT_
FIFO_H_5
DATA_
OUT_
FIFO_H_4
DATA_
OUT_
FIFO_H_3
DATA_
OUT_
FIFO_H_2
DATA_
OUT_
FIFO_H_1
DATA_
OUT_
FIFO_H_0
Table 116. FIFO_DATA_OUT_H register description
DATA_OUT_FIFO_H_[7:0]
FIFO data output (second byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com