Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33TR Datasheet(PDF) 42 Page - STMicroelectronics

Part # LSM6DS33TR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33TR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LSM6DS33TR Datasheet HTML 38Page - STMicroelectronics LSM6DS33TR Datasheet HTML 39Page - STMicroelectronics LSM6DS33TR Datasheet HTML 40Page - STMicroelectronics LSM6DS33TR Datasheet HTML 41Page - STMicroelectronics LSM6DS33TR Datasheet HTML 42Page - STMicroelectronics LSM6DS33TR Datasheet HTML 43Page - STMicroelectronics LSM6DS33TR Datasheet HTML 44Page - STMicroelectronics LSM6DS33TR Datasheet HTML 45Page - STMicroelectronics LSM6DS33TR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
Register description
LSM6DS33
42/77
DocID027423 Rev 4
9.5
FIFO_CTRL4 (09h)
FIFO control register (r/w).
Table 28. FIFO_CTRL4 register description
Table 26. Accelerometer FIFO decimation setting
DEC_FIFO_XL [2:0]
Configuration
000
Accelerometer sensor not in FIFO
001
No decimation
010
Decimation with factor 2
011
Decimation with factor 3
100
Decimation with factor 4
101
Decimation with factor 8
110
Decimation with factor 16
111
Decimation with factor 32
Table 27. FIFO_CTRL4 register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
ONLY_HIGH
_DATA
TIMER_PEDO
_DEC_FIFO2
TIMER_PEDO
_DEC_FIFO1
TIMER_PEDO
_DEC_FIFO1
0(1)
0(1)
0(1)
ONLY_HIGH_DATA
8-bit data storage in FIFO. Default: 0
(0: disable MSByte only memorization in FIFO for XL and Gyro;
1: enable MSByte only memorization in FIFO for XL and Gyro in FIFO)
TIMER_PEDO_DEC_
FIFO[2:0]
Third FIFO data set decimation setting. Default: 000
For the configuration setting, refer to Table 29.
These bits are used when the bit TIMER_PEDO_FIFO_EN is set to ‘1’ in
FIFO_CTRL2 (07h)
Table 29. Third FIFO data set decimation setting
TIMER_PEDO_DEC_FIFO[2:0]
Configuration
000
Third FIFO data set not in FIFO
001
No decimation
010
Decimation with factor 2
011
Decimation with factor 3
100
Decimation with factor 4
101
Decimation with factor 8
110
Decimation with factor 16
111
Decimation with factor 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com