Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33TR Datasheet(PDF) 46 Page - STMicroelectronics

Part # LSM6DS33TR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33TR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button LSM6DS33TR Datasheet HTML 42Page - STMicroelectronics LSM6DS33TR Datasheet HTML 43Page - STMicroelectronics LSM6DS33TR Datasheet HTML 44Page - STMicroelectronics LSM6DS33TR Datasheet HTML 45Page - STMicroelectronics LSM6DS33TR Datasheet HTML 46Page - STMicroelectronics LSM6DS33TR Datasheet HTML 47Page - STMicroelectronics LSM6DS33TR Datasheet HTML 48Page - STMicroelectronics LSM6DS33TR Datasheet HTML 49Page - STMicroelectronics LSM6DS33TR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
Register description
LSM6DS33
46/77
DocID027423 Rev 4
9.10
WHO_AM_I (0Fh)
Who_AM_I register (r). This register is a read-only register. Its value is fixed at 69h.
9.11
CTRL1_XL (10h)
Linear acceleration sensor control register 1 (r/w).
Table 42. CTRL1_XL register
Table 43. CTRL1_XL register description
Table 41. WHO_AM_I register
01101001
ODR_XL3 ODR_XL2 ODR_XL1 ODR_XL0
FS_XL1
FS_XL0
BW_XL1
BW_XL0
ODR_XL [3:0]
Output data rate and power mode selection. Default value: 0000 (see Table 44).
FS_XL [1:0]
Accelerometer full-scale selection. Default value: 00.
(00: ±2 g; 01: ±16 g; 10: ±4 g; 11: ±8 g)
BW_XL [1:0]
Anti-aliasing filter bandwidth selection. Default value: 00
(00: 400 Hz; 01: 200 Hz; 10: 100 Hz; 11: 50 Hz)
Table 44. Accelerometer ODR register setting
ODR_
XL3
ODR_
XL2
ODR_
XL1
ODR_
XL0
ODR selection [Hz] when
XL_HM_MODE = 1
ODR selection [Hz] when
XL_HM_MODE = 0
0
0
0
0
Power-down
Power-down
0
0
0
1
13 Hz (low power)
13 Hz (high performance)
0
0
1
0
26 Hz (low power)
26 Hz (high performance)
0
0
1
1
52 Hz (low power)
52 Hz (high performance)
0
1
0
0
104 Hz (normal mode)
104 Hz (high performance)
0
1
0
1
208 Hz (normal mode)
208 Hz (high performance)
0
1
1
0
416 Hz (high performance)
416 Hz (high performance)
0
1
1
1
833 Hz (high performance)
833 Hz (high performance)
1
0
0
0
1.66 kHz (high performance)
1.66 kHz (high performance)
1
0
0
1
3.33 kHz (high performance)
3.33 kHz (high performance)
1
0
1
0
6.66 kHz (high performance)
6.66 kHz (high performance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com