Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33TR Datasheet(PDF) 50 Page - STMicroelectronics

Part # LSM6DS33TR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33TR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button LSM6DS33TR Datasheet HTML 46Page - STMicroelectronics LSM6DS33TR Datasheet HTML 47Page - STMicroelectronics LSM6DS33TR Datasheet HTML 48Page - STMicroelectronics LSM6DS33TR Datasheet HTML 49Page - STMicroelectronics LSM6DS33TR Datasheet HTML 50Page - STMicroelectronics LSM6DS33TR Datasheet HTML 51Page - STMicroelectronics LSM6DS33TR Datasheet HTML 52Page - STMicroelectronics LSM6DS33TR Datasheet HTML 53Page - STMicroelectronics LSM6DS33TR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
Register description
LSM6DS33
50/77
DocID027423 Rev 4
9.14
CTRL4_C (13h)
Control register 4 (r/w).
9.15
CTRL5_C (14h)
Control register 5 (r/w).
Table 53. CTRL5_C register
Table 51. CTRL4_C register
XL_BW_
SCAL_ODR
SLEEP_G
INT2_on_
INT1
FIFO_
TEMP_EN
DRDY_
MASK
I2C_disable
0
STOP_ON
_FTH
Table 52. CTRL4_C register description
XL_BW_
SCAL_ODR
Accelerometer bandwidth selection. Default value: 0
(0(1): bandwidth determined by ODR selection, refer to Table 45;
1(2): bandwidth determined by setting BW_XL[1:0] in CTRL1_XL (10h) register.)
1. Filter used in high-performance mode only with ODR less than 3.33 kHz.
2. Filter used in high-performance mode only.
SLEEP_G
Gyroscope sleep mode enable. Default value: 0
(0: disabled; 1: enabled)
INT2_on_INT1
All interrupt signals available on INT1 pad enable. Default value: 0
(0: interrupt signals divided between INT1 and INT2 pads;
1: all interrupt signals in logic or on INT1 pad)
FIFO_TEMP_EN Enable temperature data as 4th FIFO data set(3). Default: 0
(0: disable temperature data as 4th FIFO data set;
1: enable temperature data as 4th FIFO data set)
3. This bit is effective if the TIMER_PEDO_FIFO_EN bit of FIFO_CTRL2 register is set to 0.
DRDY_MASK
Configuration 1(4) data available enable bit. Default value: 0
(0: DA timer disabled; 1: DA timer enabled)
4. In configuration 1, switching to combo mode, data are collected in FIFO only when both accelerometer and
gyroscope are set. Switching to accelerometer only, data are collected in FIFO after filter setting.
I2C_disable
Disable I2C interface. Default value: 0
(0: both I2C and SPI enabled; 1: I2C disabled, SPI only)
STOP_ON_FTH
Enable FIFO threshold level use. Default value: 0.
(0: FIFO depth is not limited; 1: FIFO depth is limited to threshold level)
ROUNDING2 ROUNDING1 ROUNDING0 0(1)
1. This bit must be set to ‘0’ for the correct operation of the device
ST1_G
ST0_G
ST1_XL
ST0_XL
Table 54. CTRL5_C register description
ROUNDING[2:0] Circular burst-mode (rounding) read from output registers. Default: 000
(000: no rounding; Others: refer to Table 55)
ST_G [1:0]
Angular rate sensor self-test enable. Default value: 00
(00: Self-test disabled; Other: refer to Table 56)
ST_XL [1:0]
Linear acceleration sensor self-test enable. Default value: 00
(00: Self-test disabled; Other: refer to Table 57)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com