Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33TR Datasheet(PDF) 55 Page - STMicroelectronics

Part # LSM6DS33TR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33TR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button LSM6DS33TR Datasheet HTML 51Page - STMicroelectronics LSM6DS33TR Datasheet HTML 52Page - STMicroelectronics LSM6DS33TR Datasheet HTML 53Page - STMicroelectronics LSM6DS33TR Datasheet HTML 54Page - STMicroelectronics LSM6DS33TR Datasheet HTML 55Page - STMicroelectronics LSM6DS33TR Datasheet HTML 56Page - STMicroelectronics LSM6DS33TR Datasheet HTML 57Page - STMicroelectronics LSM6DS33TR Datasheet HTML 58Page - STMicroelectronics LSM6DS33TR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
DocID027423 Rev 4
55/77
LSM6DS33
Register description
77
9.22
TAP_SRC (1Ch)
Tap source register (r).
9.23
D6D_SRC (1Dh)
Portrait, landscape, face-up and face-down source register (r)
Table 72. TAP_SRC register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
TAP_IA
SINGLE_
TAP
DOUBLE_
TAP
TAP_SIGN
X_TAP
Y_TAP
Z_TAP
Table 73. TAP_SRC register description
TAP_IA
Tap event detection status. Default: 0
(0: tap event not detected; 1: tap event detected)
SINGLE_TAP
Single-tap event status. Default value: 0
(0: single tap event not detected; 1: single tap event detected)
DOUBLE_TAP
Double-tap event detection status. Default value: 0
(0: double-tap event not detected; 1: double-tap event detected.)
TAP_SIGN
Sign of acceleration detected by tap event. Default: 0
(0: positive sign of acceleration detected by tap event;
1: negative sign of acceleration detected by tap event)
X_TAP
Tap event detection status on X-axis. Default value: 0
(0: tap event on X-axis not detected; 1: tap event on X-axis detected)
Y_TAP
Tap event detection status on Y-axis. Default value: 0
(0: tap event on Y-axis not detected; 1: tap event on Y-axis detected)
Z_TAP
Tap event detection status on Z-axis. Default value: 0
(0: tap event on Z-axis not detected; 1: tap event on Z-axis detected)
Table 74. D6D_SRC register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
D6D_IA
ZH
ZL
YH
YL
XH
XL
Table 75. D6D_SRC register description
D6D_
IA
Interrupt active for change position portrait, landscape, face-up, face-down. Default value: 0
(0: change position not detected; 1: change position detected)
ZH
Z-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over threshold) detected)
ZL
Z-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)
YH
Y-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over-threshold) detected)
YL
Y-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)
X_H
X-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over threshold) detected)
X_L
X-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com