Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33TR Datasheet(PDF) 41 Page - STMicroelectronics

Part # LSM6DS33TR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33TR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LSM6DS33TR Datasheet HTML 37Page - STMicroelectronics LSM6DS33TR Datasheet HTML 38Page - STMicroelectronics LSM6DS33TR Datasheet HTML 39Page - STMicroelectronics LSM6DS33TR Datasheet HTML 40Page - STMicroelectronics LSM6DS33TR Datasheet HTML 41Page - STMicroelectronics LSM6DS33TR Datasheet HTML 42Page - STMicroelectronics LSM6DS33TR Datasheet HTML 43Page - STMicroelectronics LSM6DS33TR Datasheet HTML 44Page - STMicroelectronics LSM6DS33TR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
DocID027423 Rev 4
41/77
LSM6DS33
Register description
77
Table 22. FIFO_CTRL2 register description
9.4
FIFO_CTRL3 (08h)
FIFO control register (r/w).
Table 24. FIFO_CTRL3 register description
TIMER_PEDO
_FIFO_EN
Enable pedometer step counter and time stamp. Default: 0
(0: disable step counter and time stamp data;
1: enable step counter and time stamp data.)
TIMER_PEDO
_FIFO_DRDY
FIFO write mode. Default: 0
(0: enable write in FIFO based on XL/Gyro data-ready;
1: enable write in FIFO at every step detected by step counter.)
FTH_[11:8]
FIFO threshold level setting(1). Default value: 0000
Watermark flag rises when the number of bytes written to FIFO after the next
write is greater than or equal to the threshold level.
Minimum resolution for the FIFO is 1LSB = 2 bytes (1 word) in FIFO
1. For a complete watermark threshold configuration, consider FTH_[11:8] in FIFO_CTRL1 (06h)
Table 23. FIFO_CTRL3 register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
DEC_FIFO
_GYRO2
DEC_FIFO
_GYRO1
DEC_FIFO
_GYRO0
DEC_FIFO
_XL2
DEC_FIFO
_XL1
DEC_FIFO
_XL0
DEC_FIFO_GYRO [2:0]
Gyro FIFO (first data set) decimation setting. Default: 000
For the configuration setting, refer to Table 25.
DEC_FIFO_XL [2:0]
Accelerometer FIFO (second data set) decimation setting. Default: 000
For the configuration setting, refer to Table 26.
Table 25. Gyro FIFO decimation setting
DEC_FIFO_GYRO [2:0]
Configuration
000
Gyro sensor not in FIFO
001
No decimation
010
Decimation with factor 2
011
Decimation with factor 3
100
Decimation with factor 4
101
Decimation with factor 8
110
Decimation with factor 16
111
Decimation with factor 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com