Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33TR Datasheet(PDF) 47 Page - STMicroelectronics

Part # LSM6DS33TR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33TR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LSM6DS33TR Datasheet HTML 43Page - STMicroelectronics LSM6DS33TR Datasheet HTML 44Page - STMicroelectronics LSM6DS33TR Datasheet HTML 45Page - STMicroelectronics LSM6DS33TR Datasheet HTML 46Page - STMicroelectronics LSM6DS33TR Datasheet HTML 47Page - STMicroelectronics LSM6DS33TR Datasheet HTML 48Page - STMicroelectronics LSM6DS33TR Datasheet HTML 49Page - STMicroelectronics LSM6DS33TR Datasheet HTML 50Page - STMicroelectronics LSM6DS33TR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
DocID027423 Rev 4
47/77
LSM6DS33
Register description
77
Table 45. BW and ODR (high-performance mode)
ODR(1)
1. Filter not used when accelerometer is in normal and low-power modes.
Analog filter BW (XL_HM_MODE = 0)
XL_BW_SCAL_ODR = 0
XL_BW_SCAL_ODR = 1
6.66 - 3.33 kHz
Filter not used
Bandwidth is determined by
setting BW_XL[1:0] in
CTRL1_XL (10h)
1.66 kHz
400 Hz
833 Hz
400 Hz
416 Hz
200 Hz
208 Hz
100 Hz
104 - 13 Hz
50 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com