Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LSM6DS33TR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LSM6DS33TR Datasheet HTML 7Page - STMicroelectronics LSM6DS33TR Datasheet HTML 8Page - STMicroelectronics LSM6DS33TR Datasheet HTML 9Page - STMicroelectronics LSM6DS33TR Datasheet HTML 10Page - STMicroelectronics LSM6DS33TR Datasheet HTML 11Page - STMicroelectronics LSM6DS33TR Datasheet HTML 12Page - STMicroelectronics LSM6DS33TR Datasheet HTML 13Page - STMicroelectronics LSM6DS33TR Datasheet HTML 14Page - STMicroelectronics LSM6DS33TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
DocID027423 Rev 4
11/77
LSM6DS33
Overview
77
1
Overview
The LSM6DS33 is a system-in-package featuring a high-performance 3-axis digital
accelerometer and 3-axis digital gyroscope.
The integrated power-efficient modes are able to reduce the power consumption down to
1.25 mA in high-performance mode, combining always-on low-power features with superior
sensing precision for an optimal motion experience for the consumer thanks to ultra-low
noise performance for both the gyroscope and accelerometer.
The LSM6DS33 delivers best-in-class motion sensing that can detect orientation and
gestures in order to empower application developers and consumers with features and
capabilities that are more sophisticated than simply orienting their devices to portrait and
landscape mode.
The event-detection interrupts enable efficient and reliable motion tracking and contextual
awareness, implementing hardware recognition of free-fall events, 6D orientation, tap and
double-tap sensing, activity or inactivity, and wakeup events.
The LSM6DS33 supports main OS requirements, offering real, virtual and batch mode
sensors. In addition, the LSM6DS33 can efficiently run the sensor-related features specified
in Android, saving power and enabling faster reaction time. In particular, the LSM6DS33 has
been designed to implement hardware features such as significant motion, tilt, pedometer
functions, and time stamping.
Up to 8 kbyte of FIFO with dynamic allocation of significant data (i.e. sensors, temperature,
step counter and time stamp) allows overall power saving of the system.
Like the entire portfolio of MEMS sensor modules, the LSM6DS33 leverages the robust and
mature in-house manufacturing processes already used for the production of
micromachined accelerometers and gyroscopes. The various sensing elements are
manufactured using specialized micromachining processes, while the IC interfaces are
developed using CMOS technology that allows the design of a dedicated circuit which is
trimmed to better match the characteristics of the sensing element.
The LSM6DS33 is available in a small plastic land grid array (LGA) package of
3 x 3 x 0.86 mm to address ultra-compact solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com