Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS33TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # LSM6DS33TR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LSM6DS33TR Datasheet HTML 35Page - STMicroelectronics LSM6DS33TR Datasheet HTML 36Page - STMicroelectronics LSM6DS33TR Datasheet HTML 37Page - STMicroelectronics LSM6DS33TR Datasheet HTML 38Page - STMicroelectronics LSM6DS33TR Datasheet HTML 39Page - STMicroelectronics LSM6DS33TR Datasheet HTML 40Page - STMicroelectronics LSM6DS33TR Datasheet HTML 41Page - STMicroelectronics LSM6DS33TR Datasheet HTML 42Page - STMicroelectronics LSM6DS33TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
DocID027423 Rev 4
39/77
LSM6DS33
Register mapping
77
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
FUNC_SRC
r
53
01010011
output
Interrupt
register
RESERVED
54-57
-
Reserved
TAP_CFG
r/w
58
01011000
00000000
Interrupt
registers
TAP_THS_6D
r/w
59
01011001
00000000
INT_DUR2
r/w
5A
01011010
00000000
WAKE_UP_THS
r/w
5B
01011011
00000000
WAKE_UP_DUR
r/w
5C
01011100
00000000
FREE_FALL
r/w
5D
01011101
00000000
MD1_CFG
r/w
5E
01011110
00000000
MD2_CFG
r/w
5F
01011111
00000000
RESERVED
60-6B
-
Reserved
Table 16. Registers address map (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com