Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 56 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 52Page - STMicroelectronics STLUX385ATR Datasheet HTML 53Page - STMicroelectronics STLUX385ATR Datasheet HTML 54Page - STMicroelectronics STLUX385ATR Datasheet HTML 55Page - STMicroelectronics STLUX385ATR Datasheet HTML 56Page - STMicroelectronics STLUX385ATR Datasheet HTML 57Page - STMicroelectronics STLUX385ATR Datasheet HTML 58Page - STMicroelectronics STLUX385ATR Datasheet HTML 59Page - STMicroelectronics STLUX385ATR Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 126 page
background image
Memory and register map
STLUX
56/126
DocID027870 Rev 1
8.2.18
CPU register
Note:
Register space accessible in debug mode only.
8.2.19
Global configuration register
0x1E
SMED<n>
SMD<n>_GSTS
General status
0x1F
SMD<n>_IRQ
Interrupt request register
0x20
SMD<n>_IER
Interrupt enable register
0x21
SMD<n>_ISEL
External events control
0x22
SMD<n>_DMP
Dump enable
0x23
SMD<n>_FSM_STS
FSM core status
Table 31. SMED register map (continued)
Address (offset)
Block
Register name
Register description
Table 32. CPU register map
Address
Block
Register name
Register description
0x00.7F00
CPU
A
Accumulator
0x00.7F01
PCE
Program counter extended
0x00.7F02
PCH
Program counter high
0x00.7F03
PCL
Program counter low
0x00.7F04
XH
X-index high
0x00.7F05
XL
X-index low
0x00.7F06
YH
Y-index high
0x00.7F07
YL
Y-index low
0x00.7F08
SPH
Stack pointer high
0x00.7F09
SPL
Stack pointer low
0x00.7F0A
CC
Code condition
Table 33. CFG_GCR register map
Address
Block
Register name
Register description
0x00.7F60
GCR
CFG_GCR
Global configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com