Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 85 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 81Page - STMicroelectronics STLUX385ATR Datasheet HTML 82Page - STMicroelectronics STLUX385ATR Datasheet HTML 83Page - STMicroelectronics STLUX385ATR Datasheet HTML 84Page - STMicroelectronics STLUX385ATR Datasheet HTML 85Page - STMicroelectronics STLUX385ATR Datasheet HTML 86Page - STMicroelectronics STLUX385ATR Datasheet HTML 87Page - STMicroelectronics STLUX385ATR Datasheet HTML 88Page - STMicroelectronics STLUX385ATR Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 126 page
background image
DocID027870 Rev 1
85/126
STLUX
Electrical characteristics
126
12.3
Operating conditions
The device must be used in operating conditions that respect the parameters listed in
Table 70. In addition, a full account must be taken for all physical capacitor characteristics
and tolerances.
Table 69. Thermal characteristics
Symbol
Ratings
Max.
Unit
TSTG
Storage temperature range
-65 to 150
ºC
TJ
Maximum junction temperature
150
Table 70. General operating conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fCPU
Internal CPU clock frequency
-40
 TA  105 °C
0
16
MHz
VDD1, VDDA1 Operating voltages
3(1)
1. The external power supply can be within range from 3 V up to 5.5 V although IC performances are
optimized for a power supply equal to 3.3 V.
5.5(1)
V
VDD, VDDA
Nominal operating voltages
3.3(1)
5(1)
VOUT
Core digital power supply
1.8(2)
2. Internal core power supply voltage.
CVOUT: capacitance of external
capacitor(3)
3. Care should be taken when the capacitor is selected due to its tolerance, its dependency on temperature,
DC bias and frequency.
at 1 MHz
470
3300
nF
ESR of external capacitor(2)
0.05
0.2
ESL of external capacitor(2)
15
nH
JA(4)
4. To calculate PDmax (TA), use the formula PDmax = (TJmax - TA)/JA.
FR4 multilayer PCB
TSSOP38
TSSOP28
80
°C/W
VFQFPN32
26
TA
Ambient temperature
Pd = 100 mW
-40
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com