Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 65 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 61Page - STMicroelectronics STLUX385ATR Datasheet HTML 62Page - STMicroelectronics STLUX385ATR Datasheet HTML 63Page - STMicroelectronics STLUX385ATR Datasheet HTML 64Page - STMicroelectronics STLUX385ATR Datasheet HTML 65Page - STMicroelectronics STLUX385ATR Datasheet HTML 66Page - STMicroelectronics STLUX385ATR Datasheet HTML 67Page - STMicroelectronics STLUX385ATR Datasheet HTML 68Page - STMicroelectronics STLUX385ATR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 126 page
background image
.
Table 39. Option byte register overview - STLUX325A
Address Option name
Option bits
Default
settings
76
5
4
3
2
1
0
4800h
ROP
ROP [7:0]
00h
4801h
UCB
UBC [7:0]
00h
4802h
nUCB
nUBC [7:0]
FFh
4803h
GENCFG
-
Rst_PWM4 Rst_PWM3
Rst_PWM2
Rst_PWM1
Rst_PWM0
-
EN_COLD_CFG
00h
4804h
nGENCFG
-
nRst_PWM4 nRst_PWM3 nRst_PWM2 nRst_PWM1 nRst_PWM0
-
nEN_COLD_CFG
FFh
4805h
MISCUOPT
-
-
1
-
LSI_EN
IWdg_hw
WWdg_hw
WWDG_HALT
28h
4806h
nMISCUOPT
-
-
0
-
nLSI_EN
nIWdg_hw
nWWdg_hw
nWWDG_HALT
D7h
4807h
CLKCTL
-
-
-
CKAWUSEL1
EXTCLK
CKAWUSE L0
PRSC [1:0]
09h
4808h
nCLKCTL
-
-
-
nCKAWUSEL1 nEXTCLK
nCKAWUS
EL0
nPRSC [1:0]
F6h
4809h
HSESTAB
HSECNT[7:0]
00h
480Ah
nHSESTAB
nHSECNT[7:0]
FFh
480Bh
RESERVED
-
00h
480Ch
FFh
480Dh
WAITSTATE
-
-
-
-
-
-
WaitStat [1:0]
00h
480Eh
nWAITSTATE
-
-
-
-
-
-
nWaitStat [1:0]
FFh
480Fh
AFR_IOMXP0
-
-
Sel_P054[1:0]
Sel_P032[1:0]
-
-
00h
4810h nAFR_IOMXP0
-
-
nSel_P054[1:0]
nSel_P032[1:0]
-
-
FFh
4811h
AFR_IOMXP1
AUXTMR
-
-
Sel_P14
Sel_P13
Sel_P12
Sel_P11
Sel_P10
1Fh
4812h nAFR_IOMXP1 nAUXTMR
-
-
nSel_P14
nSel_P13
nSel_P12
nSel_P11
nSel_P10
E0h
4813h
AFR_IOMXP2
Sel_SWIM
-
-
Sel_P254
-
-
-
-
10h
4814h nAFR_IOMXP2 nSel_SWIM
-
-
nSel_P254
-
-
-
-
EFh
4815h
MSC_OPT0
-
-
UARTLine [1:0]
-
-
BootSel [1:0]
01h
4816h
nMSC_OPT0
-
-
nUARTLine [1:0]
-
-
nBootSel [1:0]
FEh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com