Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 18Page - STMicroelectronics STLUX385ATR Datasheet HTML 19Page - STMicroelectronics STLUX385ATR Datasheet HTML 20Page - STMicroelectronics STLUX385ATR Datasheet HTML 21Page - STMicroelectronics STLUX385ATR Datasheet HTML 22Page - STMicroelectronics STLUX385ATR Datasheet HTML 23Page - STMicroelectronics STLUX385ATR Datasheet HTML 24Page - STMicroelectronics STLUX385ATR Datasheet HTML 25Page - STMicroelectronics STLUX385ATR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 126 page
background image
Product overview
STLUX
22/126
DocID027870 Rev 1
Thanks to the great configurability of the CCO frequency, the timer can cover a wide range
of interval time to fit better the target application requirements.
Auto-wakeup timer
The AWU timer is used to cyclically wake-up the IC device from the active halt state. The
AWU frequency time base fAWU can be selected between the following clock sources: LSI
(153.6 kHz) and the external clock HSE scaled down to 128-kHz clock.
By default the fAWU clock is provided by the LSI internal source clock.
Watchdog timers
The watchdog system is based on two independent timers providing a high level of
robustness to the applications. The watchdog timer activity is controlled by the application
program or by suitable option bytes. Once the watchdog is activated, it cannot be disabled
by the user program without going through reset.
Window watchdog timer
The window watchdog is used to detect the occurrence of a software fault, usually
generated by external interferences or by unexpected logical conditions, which causes the
application program to break the normal operating sequence.
The window function can be used to adjust the watchdog intervention period in order to
match the application timing perfectly. The application software must refresh the counter
before timeout and during a limited time window. If the counter is refreshed outside this time
window, a reset is issued.
Independent watchdog timer
The independent watchdog peripheral can be used to resolve malfunctions due to hardware
or software failures.
It is clocked by the 153.6 kHz LSI internal RC clock source. By properly setting the hardware
watchdog feature associated option bits, the watchdog is automatically enabled at power-
on, and generates a reset unless the key register is written by software before the counter
reaches the end of the count.
5.4
Flash program and data E2PROM
Embedded Flash and E2PROM with the memory ECC code correction and protection
mechanism preventing embedded program hacking.
32 Kbyte of single voltage program Flash memory
1 Kbyte true (not emulated) data E2PROM
Read while write: writing in the data memory is possible while executing code program
memory
The device setup is stored in a user option area in the non-volatile memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com