Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 78 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 74Page - STMicroelectronics STLUX385ATR Datasheet HTML 75Page - STMicroelectronics STLUX385ATR Datasheet HTML 76Page - STMicroelectronics STLUX385ATR Datasheet HTML 77Page - STMicroelectronics STLUX385ATR Datasheet HTML 78Page - STMicroelectronics STLUX385ATR Datasheet HTML 79Page - STMicroelectronics STLUX385ATR Datasheet HTML 80Page - STMicroelectronics STLUX385ATR Datasheet HTML 81Page - STMicroelectronics STLUX385ATR Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 126 page
background image
Option bytes
STLUX
78/126
DocID027870 Rev 1
MSC_OPT0 (miscellaneous configuration reg0)
Bit 1 - 0:
BootSel [1:0] boot-ROM peripheral enables:
00: automatic scan boot sources; this selection enables the automatic scan
configuration sequence of all possible initializing peripheral devices: Periph0 (UART),
Periph1 (RFU).
01: enable boot source: Periph0 10: enable boot source: Periph1
11: enable boot sources: Periph1, Periph0
Bit 3 - 2:
RFU reserved; must be kept 0 during register writing for future compatibility.
Bit 5 - 4:
UARTline [1:0] selects the UART port configuration pins involved during the bootload
sequence in warm configuration mode; in case of cold configuration, this field is
ignored since the UART port is selected by the register AFR_IOXP0.
00: boot sequence with the UART i/f configured in all possible UART multiplexed signal
schemes. This sequence is used when UART i/f position is not specified.
01: boot sequence with UART i/f configured on P0 (1, 0) 10: boot sequence with UART
i/f configured on P0 (3, 2) 11: boot sequence with UART i/f configured on P0 (5, 4).
Bit 7 - 6:
RFU reserved; must be kept 0 during register writing for future compatibility.
nMSC_OPT0 (miscellaneous configuration reg0 protection)
nMSC_OPT0: not (MSC_OPT0) EMC byte protection.
Table 60. MSC_OPT0 (miscellaneous configuration reg0)
Offset: 0x004815
Default value: 0x01
7
6
54
32
1
0
RFU
UARTline [1:0]
RFU
BootSel [1:0]
rr/w
r
r/w
Table 61. nMSC_OPT0 (miscellaneous configuration reg0 protection)
Offset: 0x004816
Default value: 0xFE
7
6543
2
1
0
nRFU
nUARTline [1:0]
nRFU
nBootSel [1:0]
rr/w
r
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com