Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 84 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 80Page - STMicroelectronics STLUX385ATR Datasheet HTML 81Page - STMicroelectronics STLUX385ATR Datasheet HTML 82Page - STMicroelectronics STLUX385ATR Datasheet HTML 83Page - STMicroelectronics STLUX385ATR Datasheet HTML 84Page - STMicroelectronics STLUX385ATR Datasheet HTML 85Page - STMicroelectronics STLUX385ATR Datasheet HTML 86Page - STMicroelectronics STLUX385ATR Datasheet HTML 87Page - STMicroelectronics STLUX385ATR Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 126 page
background image
Electrical characteristics
STLUX
84/126
DocID027870 Rev 1
12.2
Absolute maximum ratings
Stresses above those listed as 'absolute maximum ratings' may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect the device reliability.
Table 67. Voltage characteristics
Symbol
Ratings
Min.
Max.
Unit
VDDX - VSSX Supply voltage(1)
1. All power VDDX (VDD, VDDA) and ground VSSX (VSS, VSSA) pins must always be connected to the external
power supply.
-0.3
6.5
V
VIN
Input voltage on any other pin(2)
2. IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS.
VSS - 0.3
VDD + 0.3
VDD - VDDA Variation between different power pins
50
mV
VSS - VSSA
Variation between all the different
ground pins(3)
3. VSS and VSSA signals must be interconnected together with a short wire loop.
50
VESD
Electrostatic discharge voltage
Refer to absolute maximum ratings (electrical
sensitivity) in Section 11.4.1 on page 93
Table 68. Current characteristics
Symbol
Ratings
Max.(1)
1. Data based on characterization results, not tested in production.
Unit
IVDDX
Total current into VDDX power lines(2)
2. All power VDDX (VDD, VDDA) and ground VSSX (VSS, VSSA) pins must always be connected to the external
power supply.
100
mA
IVSSX
Total current out of VSSX power lines(2)
100
IIO
Output current sunk by any I/Os and control pin
Ref. to Table 82 on
page 100
Output current source by any I/Os and control pin
IINJ(PIN)(3), (4)
3. IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS.
4. Negative injection disturbs the analog performance of the device.
Injected current on any pin
±4
IINJ(TOT)(3), (4), (5)
5. When several inputs are submitted to a current injection, the maximum
IINJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values). These results are based on
characterization with
IINJ(PIN) maximum current injection on four I/O port pins of the device.
Sum of injected currents
±20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com