Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 100 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 96Page - STMicroelectronics STLUX385ATR Datasheet HTML 97Page - STMicroelectronics STLUX385ATR Datasheet HTML 98Page - STMicroelectronics STLUX385ATR Datasheet HTML 99Page - STMicroelectronics STLUX385ATR Datasheet HTML 100Page - STMicroelectronics STLUX385ATR Datasheet HTML 101Page - STMicroelectronics STLUX385ATR Datasheet HTML 102Page - STMicroelectronics STLUX385ATR Datasheet HTML 103Page - STMicroelectronics STLUX385ATR Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 126 page
background image
Electrical characteristics
STLUX
100/126
DocID027870 Rev 1
12.3.5
Memory characteristics
Flash program and memory/data E2PROM memory
General conditions: TA = -40 °C to 105 °C.
Table 82. Flash program memory/data E2PROM memory
Symbol
Parameter
Conditions
Min.(1)
Typ.(1)
Max.(1)
Unit
tPROG
Standard programming time (including
erase) for byte/word/block (1 byte/4
bytes/128 bytes)
66.6
ms
Fast programming time for 1 block (128
bytes)
33.3
tERASE Erase time for 1 block (128 bytes)
3
3.3
ms
NWE
Erase/write cycles(2) (program memory)
TA = 25 °C
10 K
Cycles
Erase/write cycles(2)(data memory)
TA = 85 °C
100 K
TA = 105 °C
35 K
tRET
Data retention (program memory) after 10 K
erase/write cycles at TA= 25 °C
TRET = 85 °C
15
Years
Data retention (program memory) after 10 K
erase/write cycles at TA= 25 °C
TRET = 105 °C
11
Data retention (data memory) after 100 K
erase/write cycles at TA = 85 °C
TRET = 85 °C
15
Data retention (data memory) after 35 K
erase/write cycles at TA= 105 °C
TRET = 105 °C
6
IDDPRG
Supply current during program and erase
cycles
-40 ºC
 TA  105 ºC
2
mA
1. Data based on characterization results, not tested in production.
2. The physical granularity of the memory is 4 bytes, so cycling is performed on 4 bytes even when a write/erase operation
addresses a single byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com