Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 22Page - STMicroelectronics STLUX385ATR Datasheet HTML 23Page - STMicroelectronics STLUX385ATR Datasheet HTML 24Page - STMicroelectronics STLUX385ATR Datasheet HTML 25Page - STMicroelectronics STLUX385ATR Datasheet HTML 26Page - STMicroelectronics STLUX385ATR Datasheet HTML 27Page - STMicroelectronics STLUX385ATR Datasheet HTML 28Page - STMicroelectronics STLUX385ATR Datasheet HTML 29Page - STMicroelectronics STLUX385ATR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 126 page
background image
Product overview
STLUX
26/126
DocID027870 Rev 1
wakeup time is faster. The wakeup is triggered by the internal AWU interrupt, external
interrupt or reset.
Active halt mode with regulator off: this mode is the same as active halt with the
regulator on, except that the main voltage regulator is powered off, so the wakeup time
is slower.
Halt mode: in this mode the microcontroller uses the least power. The CPU and
peripheral clocks are stopped, while the main voltage regulator is switched in power-
off. Wakeup is triggered by an external event or reset.
In all modes the CPU and peripherals remain permanently powered on, the system clock is
applied only to selected modules. The RAM content is preserved and the brownout reset
circuit remains enabled.
5.7
Communication interfaces
5.7.1
Digital addressable lighting interface (DALI)
The DALI (digital addressable lighting interface), standardized as the IEC 62386, is the new
interface for lighting control solutions defined by the lighting industry.
The DALI protocol is generally implemented in a DALI communication module (DCM):
a serial communication circuit designed for controllable electronic ballasts. “Ballast” is
a device or circuit used to provide the required starting voltage and operating current for the
LED, fluorescent, mercury or other electronic-discharge lamps.
The STLUX DALI driver has the following characteristics:
Speed line:1.2, 2.4 and 4.8 kHz transmission rate ± 10%
Forward payload: 16, 17, 18 and 24-bit message length
Backward payload: 8-bit message length.
Bidirectional communications
Monitor receiver line timeout 500 ms ± 10%
Polarity insensitive on DALI_rx, DALI_tx signal line
Interoperability with different message length
Maskable interrupt request line
DALI peripheral clock has slowed down to 153.6 kHz in low speed operating mode
Improved DALI noise rejection filter on DALI_rx input line (see Section : DALI noise
rejection filter).
DALI noise rejection filter
The STLUX DALI interface includes a noise rejection filter interconnected on the RX
channel capable to remove any bounce, glitch or spurious pulse from the RX line. The filter
can be configured via three registers:
MSC_DALICKSEL: selects the source clock of filter timing
MSC_DALICKDIV: configures the clock prescaler value
MSC_DALICONF: configures the filter count and operating mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com