Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 82 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 78Page - STMicroelectronics STLUX385ATR Datasheet HTML 79Page - STMicroelectronics STLUX385ATR Datasheet HTML 80Page - STMicroelectronics STLUX385ATR Datasheet HTML 81Page - STMicroelectronics STLUX385ATR Datasheet HTML 82Page - STMicroelectronics STLUX385ATR Datasheet HTML 83Page - STMicroelectronics STLUX385ATR Datasheet HTML 84Page - STMicroelectronics STLUX385ATR Datasheet HTML 85Page - STMicroelectronics STLUX385ATR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 126 page
background image
Electrical characteristics
STLUX
82/126
DocID027870 Rev 1
12
Electrical characteristics
12.1
Parameter conditions
Unless otherwise specified, all voltages are referred to VSS. VDDA and VDD must be
connected to the same voltage value. VSS and VSSA must be connected together with the
shortest wire loop.
12.1.1
Minimum and maximum values
Unless otherwise specified, the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices with an ambient temperature at TA = 25 °C and TA = TA max. (given by
the selected temperature range).
Data based on characterization results, design simulation and/or technology characteristics
are indicated according to each table specific notes and are not tested in production.
12.1.2
Typical values
Unless otherwise specified, typical data are based on TA = 25 °C, VDD and VDDA = 3.3 V.
They are given only as design guidelines and are not tested. Typical ADC accuracy values
are determined by characterization of a batch of samples from a standard diffusion lot over
the full temperature range.
12.1.3
Typical curves
Unless otherwise specified, all typical curves are given as design guidelines only and are
not tested.
12.1.4
Typical current consumption
For typical current consumption measurements, VDD and VDD are connected together as
shown in Figure 12.
Figure 12. Supply current measurement conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com