Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 29Page - STMicroelectronics STLUX385ATR Datasheet HTML 30Page - STMicroelectronics STLUX385ATR Datasheet HTML 31Page - STMicroelectronics STLUX385ATR Datasheet HTML 32Page - STMicroelectronics STLUX385ATR Datasheet HTML 33Page - STMicroelectronics STLUX385ATR Datasheet HTML 34Page - STMicroelectronics STLUX385ATR Datasheet HTML 35Page - STMicroelectronics STLUX385ATR Datasheet HTML 36Page - STMicroelectronics STLUX385ATR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 126 page
background image
DocID027870 Rev 1
33/126
STLUX
Pinout and pin description
126
20
6
15
I/O
GPIO0[2]/I2C_sda/
HseOscout/Uart_TX
General purpose
I/O 02
I2C data
Output
crystal
oscillator
signal
UART
data
transmit
21
7
16
I/O
GPIO0[3]/I2C_scl/
HseOscin/Uart_RX
General purpose
I/O 03
I2C clock
Input crystal
oscillator
signal /input
clock signal
UART
data
receive
22
-
-
I/O
GPIO0[0]/Uart_TX/
I2C_sda
General purpose
I/O 00
UART data
transmit
I2C data
-
23
-
-
I/O
GPIO0[1]/Uart_RX/
I2C_scl
General purpose
I/O 01
UART data
receive
I2C clock
-
24
8
17
I
CPP[3]
Positive analog
comparator input 3
--
-
25
9
I
CPP[2]
Positive analog
comparator input 2
--
-
26
10
18
ICPM3
Negative analog
comparator input 3
--
-
27
11
I
CPP[1]
Positive analog
comparator input 1
--
-
28
12
I
CPP[0]
Positive analog
comparator input 0
--
-
29
13
19
PS
VDDA
Analog power
supply
--
-
30
14
20
PS
VSSA
Analog ground
-
-
-
31
-
21
I
ADCIN[7]
Analog input 7
-
-
-
32
-
22
I
ADCIN[6]
Analog input 6
-
-
-
33
15
23
I
ADCIN[5]
Analog input 5
-
-
-
34
16
24
I
ADCIN[4]
Analog input 4
-
-
-
35
17
25
I
ADCIN[3]
Analog input 3
-
-
-
36
18
26
I
ADCIN[2]
Analog input 2
-
-
-
37
19
27
I
ADCIN[1]
Analog input 1
-
-
-
38
20
28
I
ADCIN[0]
Analog input 0
-
-
-
1. The DIGIN3 and DGIN2 are connected together on the STLUX325A, DIGIN [3_2] pin.
2. Available only on the STUX325A.
3. Not available on the STUX285A.
Table 4. Pin description (continued)
Pin number
Ty-
pe
Pin name
Main function
Alternate
function 1
Alternate
function 2
Alternate
function 3
TSSOP
38
VFQFPN
32
TSSOP
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com