Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 112 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 108Page - STMicroelectronics STLUX385ATR Datasheet HTML 109Page - STMicroelectronics STLUX385ATR Datasheet HTML 110Page - STMicroelectronics STLUX385ATR Datasheet HTML 111Page - STMicroelectronics STLUX385ATR Datasheet HTML 112Page - STMicroelectronics STLUX385ATR Datasheet HTML 113Page - STMicroelectronics STLUX385ATR Datasheet HTML 114Page - STMicroelectronics STLUX385ATR Datasheet HTML 115Page - STMicroelectronics STLUX385ATR Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 126 page
background image
Electrical characteristics
STLUX
112/126
DocID027870 Rev 1
ADC accuracy characteristics at VDD/VDDA 5 V
Table 90. ADC accuracy characteristics at VDD/VDDA 5 V
Symbol
Parameter
Conditions(1)
Typ.(2)
Min.(3)
Max.(3)
Unit
|ET|
Total unadjusted error(4), (5), (6)
fADC = 6 MHz gain 1
TBD
LSB
|EO|
Offset error(4), (5), (6)
0.5
|EG|
Gain error(4), (5), (6), (7)
0.4
EO+G
Offset + gain error(7), (8)
-8.3
8.9
EO+G
Offset + gain error(7), (9)
-10.9
10.9
EO+G
Offset + gain error(7),(10)
-13.8
10.9
|ED|
Differential linearity error(2), (3), (4)
0.8
|EL|
Integral linearity error(4), (5), (6)
2.0
|ET|
Total unadjusted error(4), (5), (6)
fADC = 6 MHz gain 4(11)
TBD
|EO|
Offset error(4), (5), (6)
1.2
|EG|
Gain error(4), (5), (6), (7)
0.2
EO+G
Offset + gain error(7), (8)
-12.2
15.3
EO+G
Offset + gain error(5), (9)
-16.4
18.5
EO+G
Offset + gain error(7), (10)
-18.8
18.5
|ED|
Differential linearity error(4), (5), (6)
0.8
|EL|
Integral linearity error(4), (5), (6)
2.0
1. Measured with RAIN < 10 k
 (RAIN external series resistance interconnected between the AC signal generator and the
ADC input pin).
2. Temperature operating: TA = 25 °C.
3. Data based on characterization results, not tested in production.
4. ADC accuracy vs. negative injection current. Injecting negative current on any of the analog input pins should be avoided
as this reduces the accuracy of the conversion being performed on another analog input. It is recommended a Schottky
diode (pin to ground) to be added to standard analog pins which may potentially inject negative current. Any positive
injection current within the limits specified for IINJ(PIN) and IINJ(PIN) in the I/O port pin characteristic section does not affect
the ADC accuracy. The ADC accuracy parameters may be also impacted exceeding the ADC maximum input voltage VIN1
or VIN2.
5. Results in manufacturing test mode.
6. Data aligned with trimming voltage parameters.
7. Gain error evaluation with the two point method.
8. Temperature operating range: 0 ºC
 TA 85 ºC.
9. Temperature operating range: -25 ºC
 TA  105 ºC.
10. Temperature operating range: -40 ºC
 TA  105 ºC.
11. Product depending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com