Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX325ATR Datasheet(PDF) 52 Page - STMicroelectronics

Part # STLUX325ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX325ATR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STLUX325ATR Datasheet HTML 48Page - STMicroelectronics STLUX325ATR Datasheet HTML 49Page - STMicroelectronics STLUX325ATR Datasheet HTML 50Page - STMicroelectronics STLUX325ATR Datasheet HTML 51Page - STMicroelectronics STLUX325ATR Datasheet HTML 52Page - STMicroelectronics STLUX325ATR Datasheet HTML 53Page - STMicroelectronics STLUX325ATR Datasheet HTML 54Page - STMicroelectronics STLUX325ATR Datasheet HTML 55Page - STMicroelectronics STLUX325ATR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 126 page
background image
Memory and register map
STLUX
52/126
DocID027870 Rev 1
8.2.10
Inter-integrated circuit interface (I2C)
8.2.11
Universal asynchronous receiver/transmitter (UART)
Table 24. I2C register map
Address
Block
Register name
Register description
0x00.5210
I2C
I2C_CR1
I2C control register 1
0x00.5211
I2C_CR2
I2C control register 2
0x00.5212
I2C_FREQR
I2C frequency register
0x00.5213
I2C_OARL
I2C own add-low register
0x00.5214
I2C_OARH
I2C own add-high register
0x00.5215
RFU
Reserved for future use
0x00.5216
I2C_DR
I2C data register
0x00.5217
I2C_SR1
I2C status register 1
0x00.5218
I2C_SR2
I2C status register 2
0x00.5219
I2C_SR3
I2C status register 3
0x00.521A
I2C_ITR
I2C interrupt
0x00.521B
I2C_CCRL
I2C clock control
0x00.521C
I2C_CCRH
I2C clock control
0x00.521D
I2C_TRISER
I2C rising edge
Table 25. UART register map
Address
Block
Register name
Register description
0x00.5230
UART
UART_SR
UART status
0x00.5231
UART_DR
UART data
0x00.5232
UART_BRR1
UART baud rate div. mantissa
[7:0]
0x00.5233
UART_BRR2
UART baud rate div. mantissa
[11:8] SCIDIV FRACT [3:0]
0x00.5234
UART_CR1
UART control register 1
0x00.5235
UART_CR2
UART control register 2
0x00.5236
UART_CR3
UART control register 3
0x00.5237
UART_CR4
UART control register 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com