Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX325ATR Datasheet(PDF) 73 Page - STMicroelectronics

Part # STLUX325ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX325ATR Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STLUX325ATR Datasheet HTML 69Page - STMicroelectronics STLUX325ATR Datasheet HTML 70Page - STMicroelectronics STLUX325ATR Datasheet HTML 71Page - STMicroelectronics STLUX325ATR Datasheet HTML 72Page - STMicroelectronics STLUX325ATR Datasheet HTML 73Page - STMicroelectronics STLUX325ATR Datasheet HTML 74Page - STMicroelectronics STLUX325ATR Datasheet HTML 75Page - STMicroelectronics STLUX325ATR Datasheet HTML 76Page - STMicroelectronics STLUX325ATR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 126 page
background image
DocID027870 Rev 1
73/126
STLUX
Option bytes
126
nCLKCTL (CKC configuration register protection)
nCLKCTL: not (CLKCTL) EMC byte protection.
HSESTAB (HSE clock stabilization register)
Bit 7 - 0:
HSECNT [7:0] HSE crystal oscillator stabilization cycles:
0x00: 2048 clock cycles
0xB4: 128 clock cycles
0xD2: 8 clock cycles
0xE1: 0.5 clock cycles.
nHSESTAB (HSE clock stabilization register protection)
nHSESTAB: not (HSESTAB) EMC byte protection.
Table 49. nCLKCTL (CKC configuration register protection)
Offset: 0x004808
Default value: 0xF6 (factory configuration)
76
5
4
3
2
1
0
nRFU
nCKAWUSEL1
nEXTCLK nCKAWUSEL0
nPRSC [1:0]
r
r/w
r/w
r/w
r/w
Table 50. HSESTAB (HSE clock stabilization register)
Offset: 0x004809
Default value: 0x00
7
6
5
432
1
0
HSECNT [7:0]
r/w
Table 51. nHSESTAB (HSE clock stabilization register protection)
Offset: 0x00480A
Default value: 0xFF
7
6
54
32
1
0
nHSECNT [7:0]
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com