Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX325ATR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLUX325ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX325ATR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLUX325ATR Datasheet HTML 20Page - STMicroelectronics STLUX325ATR Datasheet HTML 21Page - STMicroelectronics STLUX325ATR Datasheet HTML 22Page - STMicroelectronics STLUX325ATR Datasheet HTML 23Page - STMicroelectronics STLUX325ATR Datasheet HTML 24Page - STMicroelectronics STLUX325ATR Datasheet HTML 25Page - STMicroelectronics STLUX325ATR Datasheet HTML 26Page - STMicroelectronics STLUX325ATR Datasheet HTML 27Page - STMicroelectronics STLUX325ATR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 126 page
background image
Product overview
STLUX
24/126
DocID027870 Rev 1
5.4.4
Readout protection (ROP)
The STLUX family provides a readout protection of the code and data memory which can be
activated by an option byte setting.
The readout protection prevents reading and writing program memory, data memory and
option bytes via the debug module and SWIM interface. This protection is active in all device
operation modes. Any attempt to remove the protection by overwriting the ROP option byte
triggers a global erase of the program and data memory contents.
5.5
Clock controller
The clock controller distributes the system clock provided by different oscillators to the core
and the peripherals. It also manages clock gating for low power modes and ensures clock
robustness.
The main clock controller features are:
Clock sources
Internal 16-MHz and 153.6-kHz RC oscillators
External source clock:
–
Crystal/resonator oscillator
–
External clock input
Internal PLL at 96 MHz (not used as the fMASTER source clock)
Reset: after the reset the microcontroller restarts by default with the HSI internal clock
scaled at 2 MHz (16 MHz/8). The clock source and speed can be changed by the
application program as soon as the code execution starts.
Safe clock switching: clock sources can be changed safely on the fly in run mode
through a configuration register. The clock signal is not switched until the new clock
source is ready. The design guarantees glitch-free switching.
Clock management: to reduce power consumption, the clock controller can stop the
clock to the core or individual peripherals.
Wakeup: in case the device wakes up from low power modes, the internal RC oscillator
(16 MHz/8) is used for a quick startup. After a stabilization time, the device brings back
the clock source that was selected before Halt mode was entered.
Clock security system (CSS): the CSS permits monitoring of external clock sources
and automatic switching to the internal RC (16 MHz/8) in case of a clock failure.
Configurable main clock output (CCO): this feature permits to output an internal clock
source signal for application usage.
5.5.1
Internal 16 MHz RC oscillator (HSI)
The high speed internal (HSI) clock is the default master clock line, generated by an internal
RC oscillator and with nominal frequency of 16 MHz. It has the following major features:
RC architecture
Glitch-free oscillation
3-bit user calibration circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com