Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX325ATR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLUX325ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX325ATR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLUX325ATR Datasheet HTML 12Page - STMicroelectronics STLUX325ATR Datasheet HTML 13Page - STMicroelectronics STLUX325ATR Datasheet HTML 14Page - STMicroelectronics STLUX325ATR Datasheet HTML 15Page - STMicroelectronics STLUX325ATR Datasheet HTML 16Page - STMicroelectronics STLUX325ATR Datasheet HTML 17Page - STMicroelectronics STLUX325ATR Datasheet HTML 18Page - STMicroelectronics STLUX325ATR Datasheet HTML 19Page - STMicroelectronics STLUX325ATR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 126 page
background image
Product overview
STLUX
16/126
DocID027870 Rev 1
The SMED units may be configured in different coupled schemes through the
SMDx_GLBCONF and SMDx_DRVOUT bit fields of MSC_SMEDCFGxy registers.
An outline of the SMED subsystem is shown in Figure 3.
Figure 3. Coupled SMED overview
1. The PWM5 output pin is not present on the STLUX325A.
2. The PWM4 and PWM5 output pins are not present on the STLUX285A.
5.1.2
Connection matrix
The connection matrix extends the input connectivity of each SMED unit so that a SMED
can receive events from a wide range of sources. Through the matrix, it's possible to
connect the SMED inputs to various signal families such as digital inputs, comparator output
signals, SW events, and three PWM internal feedback signals as shown in Figure 4.
The list of the available event sources is the following:
DIGIN [5:0]: digital input lines
CMP [3:0]: analog comparator outputs
PWM [5:0]: output signals of SMEDs (only PWM 0, 1 and 5 are accessible)
SW [5:0]: software events
Figure 4 shows the connection matrix and signal interconnections as they are implemented
in the STLUX family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com