Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX325ATR Datasheet(PDF) 86 Page - STMicroelectronics

Part # STLUX325ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX325ATR Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STLUX325ATR Datasheet HTML 82Page - STMicroelectronics STLUX325ATR Datasheet HTML 83Page - STMicroelectronics STLUX325ATR Datasheet HTML 84Page - STMicroelectronics STLUX325ATR Datasheet HTML 85Page - STMicroelectronics STLUX325ATR Datasheet HTML 86Page - STMicroelectronics STLUX325ATR Datasheet HTML 87Page - STMicroelectronics STLUX325ATR Datasheet HTML 88Page - STMicroelectronics STLUX325ATR Datasheet HTML 89Page - STMicroelectronics STLUX325ATR Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 126 page
background image
Electrical characteristics
STLUX
86/126
DocID027870 Rev 1
12.3.1
VOUT external capacitor
The stabilization of the main regulator is achieved by connecting an external capacitor
CVOUT(c) to the VOUT pin. The CVOUT is specified in Section 12.3: Operating conditions.
Care should be taken to limit the series inductance to less than 15 nH.
Figure 15. External capacitor CVOUT
12.3.2
Supply current characteristics
The STLUX supply current is calculated by summing the supply base current in the desired
operating mode as per Table 72, with the peripheral supply current value reported in
Table 74 on page 90 and Table Table 75 on page 92.
For example, considering an application where:
fMASTER = fCPU = 16 MHz provided by HSI internal RC oscillator
CPU code execution in Flash
All base peripheral actives: I2C, UART, DALI, ITC, GPIO0, SysTmrWWDG and IWDG
ADC conversion frequency fADC = 5.3 MHz
ACU (comparator and DAC units) active
6 PWM toggling at fPWM = 0.5 MHz provided by 6 SMEDs running at fSMED = 12 MHz
(NPWM = 6).
Table 71. Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min.(1)
1. Guaranteed by design, not tested in production.
Typ.
Max.(1)
Unit
tVDD
VDD rise time rate
2 µs/V
1 sec./V(2)
2. Power supply ramp must be monotone.
VDD fall time rate
2 µs/V
1 sec./V(2)
tTEMP
Reset release delay
VDD rising
3
ms
VIT+
Power-on reset threshold
2.65
2.8
2.98
V
VIT-
Brownout reset threshold
2.58
2.73
2.88
VHYS(BOR) Brownout reset hysteresis
70
mV
c. ESR is the equivalent series resistance and ESL is the equivalent inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com