Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX325ATR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STLUX325ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX325ATR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STLUX325ATR Datasheet HTML 24Page - STMicroelectronics STLUX325ATR Datasheet HTML 25Page - STMicroelectronics STLUX325ATR Datasheet HTML 26Page - STMicroelectronics STLUX325ATR Datasheet HTML 27Page - STMicroelectronics STLUX325ATR Datasheet HTML 28Page - STMicroelectronics STLUX325ATR Datasheet HTML 29Page - STMicroelectronics STLUX325ATR Datasheet HTML 30Page - STMicroelectronics STLUX325ATR Datasheet HTML 31Page - STMicroelectronics STLUX325ATR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 126 page
background image
Product overview
STLUX
28/126
DocID027870 Rev 1
Status flags:
–
Transmitter/receiver mode flag
–
End of byte transmission flag
–I2C busy flag
Error flags:
–
Arbitration lost condition for master mode
–
Acknowledgment failure after address/ data transmission
–
Detection of misplaced start or stop condition
–
Overrun/underrun if clock stretching is disabled
Interrupt sources:
–
Communication interrupt
–
Error condition interrupt
–
Wakeup from Halt interrupt
Wakeup capability:
–
MCU wakes up from low power mode on address detection in slave mode.
5.8
Analog-to-digital converter (ADC)
The STLUX family includes a 10-bit successive approximation ADC with 8 multiplexed input
channels. The analog input signal can be amplified before conversion by a selectable gain
of 1 or 4(a) times. The analog-to-digital converter can operate either in single or in
continuous/circular modes. The ADC unit has the following main features:
8/6 ADC input channel(b)
10-bit resolution
Single and continuous conversion mode
Independent or fixed channel gain value x1 or x4 to extend dynamic range and
resolution to 12-bit equivalent(a)
Interrupt events:
–
EOC interrupt asserted on end of conversion cycle
–
EOS interrupt asserted on end of conversion sequences
–
SEQ_FULL_EN interrupt assert on sequencer buffer full
ADC input voltage range dependent on selected gain value(b)
Selectable conversion data alignment
Individual registers for up to 8 successive conversions.
a. The gain x4 is available only on the STLUX385A.
b. The number of ADC input channels depends of the STLUX device part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com