Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX325ATR Datasheet(PDF) 51 Page - STMicroelectronics

Part # STLUX325ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX325ATR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STLUX325ATR Datasheet HTML 47Page - STMicroelectronics STLUX325ATR Datasheet HTML 48Page - STMicroelectronics STLUX325ATR Datasheet HTML 49Page - STMicroelectronics STLUX325ATR Datasheet HTML 50Page - STMicroelectronics STLUX325ATR Datasheet HTML 51Page - STMicroelectronics STLUX325ATR Datasheet HTML 52Page - STMicroelectronics STLUX325ATR Datasheet HTML 53Page - STMicroelectronics STLUX325ATR Datasheet HTML 54Page - STMicroelectronics STLUX325ATR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 126 page
background image
DocID027870 Rev 1
51/126
STLUX
Memory and register map
126
8.2.7
WWDG timers
8.2.8
IWDG timers
8.2.9
AWU timers
Table 21. WWDG timer register map
Address
Block
Register name
Register description
0x00.50D1
WWDG
WWDG_CR
Watchdog control
0x00.50D2
WWDG_WR
Watchdog window
Table 22. IWDG timer register map
Address
Block
Register name
Register description
0x00.50E0
IWDG
IWDG_KR
Watchdog key
0x00.50E1
IWDG_PR
Watchdog time base
0x00.50E2
IWDG_RLR
Watchdog counter value
after reload
Table 23. AWU timer register map
Address
Block
Register name
Register description
0x00.50F0
AWU
AWU_CSR
AWU control status
0x00.50F1
AWU_APR
AWU asynchronous
prescaler buffer
0x00.50F2
AWU_TBR
AWU time base
selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com