Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX325ATR Datasheet(PDF) 60 Page - STMicroelectronics

Part # STLUX325ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX325ATR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STLUX325ATR Datasheet HTML 56Page - STMicroelectronics STLUX325ATR Datasheet HTML 57Page - STMicroelectronics STLUX325ATR Datasheet HTML 58Page - STMicroelectronics STLUX325ATR Datasheet HTML 59Page - STMicroelectronics STLUX325ATR Datasheet HTML 60Page - STMicroelectronics STLUX325ATR Datasheet HTML 61Page - STMicroelectronics STLUX325ATR Datasheet HTML 62Page - STMicroelectronics STLUX325ATR Datasheet HTML 63Page - STMicroelectronics STLUX325ATR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 126 page
background image
Option bytes
STLUX
60/126
DocID027870 Rev 1
10
Option bytes
The user option byte is a memory E²PROM area allowing users to customize the IC device
major functionalities:
ROP: readout protection control field
UBC: user boot code protection
PWM: configurable reset output value
WDG: internal watchdog HW configuration
AFR: alternate multifunction signals configuration
CKC: clock controller functionalities (PLL, HSE enable, AWU clock selection, etc.)
HSE: clock stabilization counter
WAIT: Flash and E²PROM wait state access time has to be configured with value 0x00
BOOT: configurable internal boot sources
BL: bootloader control sequences
Except the ROP byte all the other option bytes are stored twice in a regular (OPT) and
complemented format (NOPT) for redundancy. The option byte can be programmed in ICP
mode through the SWIM interface or in IAP mode by the application with the exception of
the ROP byte that can be only configured via the SWIM interface.
For further information about Flash programming refer to the programming manual “How to
program STM8S and STM8A Flash program memory and data EEPROM” (PM0051).
For information on SWIM programming procedures refer to the “STM8 SWIM
communication protocol and debug module” user manual (UM0470).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com