Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX325ATR Datasheet(PDF) 47 Page - STMicroelectronics

Part # STLUX325ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX325ATR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STLUX325ATR Datasheet HTML 43Page - STMicroelectronics STLUX325ATR Datasheet HTML 44Page - STMicroelectronics STLUX325ATR Datasheet HTML 45Page - STMicroelectronics STLUX325ATR Datasheet HTML 46Page - STMicroelectronics STLUX325ATR Datasheet HTML 47Page - STMicroelectronics STLUX325ATR Datasheet HTML 48Page - STMicroelectronics STLUX325ATR Datasheet HTML 49Page - STMicroelectronics STLUX325ATR Datasheet HTML 50Page - STMicroelectronics STLUX325ATR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 126 page
background image
DocID027870 Rev 1
47/126
STLUX
Memory and register map
126
8.2.3
Miscellaneous registers
Direct register address mode
Table 16. Miscellaneous direct register address mode
Address
Block
Register name
Register description
0x00.5010
MSC
MSC_CFGP00
P00 input line control(1)
0x00.5011
MSC_CFGP01
P01 input line control(1)
0x00.5012
MSC_CFGP02
P02 input line control
0x00.5013
MSC_CFGP03
P03 input line control
0x00.5014
MSC_CFGP04
P04 input line control
0x00.5015
MSC_CFGP05
P05 input line control
0x00.5016
MSC_CFGP20
P20 input line control
0x00.5017
MSC_CFGP21
P21 input line control
0x00.5018
MSC_CFGP22
P22 input line control
0x00.5019
MSC_CFGP23
P23 input line control
0x00.501A
MSC_CFGP24
P24 input line control
0x00.501B
MSC_CFGP25
P25 input line control
0x00.501C
MSC_STSP0
Port0 status
0x00.501D
MSC_STSP2
Port2 status
0x00.501E
MSC_INPP2
Port2 read
0x00.501F
RFU
Reserved for future use
0x00.5020
MSC_DACCTR
Comparators and DAC configuration
0x00.5021
MSC_DACIN0
DAC0 input data
0x00.5022
MSC_DACIN1
DAC1 input data
0x00.5023
MSC_DACIN2
DAC2 input data
0x00.5024
MSC_DACIN3
DAC3 input data
0x00.5025
MSC_SMDCFG01
SMED 0 - 1 behavior
0x00.5026
MSC_SMDCFG23
SMED 2 - 3 behavior
0x00.5027
MSC_SMDCFG45
SMED 4 - 5 behavior
0x00.5028
MSC_SMSWEV
SMED software events
0x00.5029
MSC_SMUNLOCK
SMED unlock
0x00.502A
MSC_CBOXS0
Connection matrix selection for SMED 0
0x00.502B
MSC_CBOXS1
Connection matrix selection for SMED 1
0x00.502C
MSC_CBOXS2
Connection matrix selection for SMED 2
0x00.502D
MSC_CBOXS3
Connection matrix selection for SMED 3
0x00.502E
MSC_CBOXS4
Connection matrix selection for SMED 4
0x00.502F
MSC_CBOXS5
Connection matrix selection for SMED 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com