Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX325ATR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLUX325ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX325ATR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLUX325ATR Datasheet HTML 16Page - STMicroelectronics STLUX325ATR Datasheet HTML 17Page - STMicroelectronics STLUX325ATR Datasheet HTML 18Page - STMicroelectronics STLUX325ATR Datasheet HTML 19Page - STMicroelectronics STLUX325ATR Datasheet HTML 20Page - STMicroelectronics STLUX325ATR Datasheet HTML 21Page - STMicroelectronics STLUX325ATR Datasheet HTML 22Page - STMicroelectronics STLUX325ATR Datasheet HTML 23Page - STMicroelectronics STLUX325ATR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 126 page
background image
Product overview
STLUX
20/126
DocID027870 Rev 1
5.2
Internal controller (CPU)
The STLUX family integrates a programmable STM8 controller acting as a device
supervisor. The STM8 is a modern CISC core and has been designed for code efficiency
and performance. It contains 21 internal registers (six of them directly addressable in each
execution context), 20 addressing modes including indexed indirect and relative addressing
and 80 instructions.
5.2.1
Architecture and registers
Harvard architecture with 3-stage pipeline
32-bit wide program memory bus with single cycle fetching for most instructions
X and Y 16-bit index registers, enabling indexed addressing modes with or without
offset and read-modify-write type data manipulations
8-bit accumulator
24-bit program counter with 16-Mbyte linear memory space
16-bit stack pointer with access to a 64-Kbyte stack
8-bit condition code register with seven condition flags updated with the results of last
executed instruction
5.2.2
Addressing
20 addressing modes
Indexed indirect addressing mode for lookup tables located in the entire address space
Stack pointer relative addressing mode for efficient implementation of local variables
and parameter passing
5.2.3
Instruction set
80 instructions with 2-byte average instruction size
Standard data movement and logic/arithmetic functions
8-bit by 8-bit multiplication
16-bit by 8-bit and 16-bit by 16-bit division
Bit manipulation
Data transfer between the stack and accumulator (push/pop) with direct stack access
Data transfer using the X and Y registers or direct memory-to-memory transfers
5.2.4
Single wire interface module (SWIM)
The single wire interface module (SWIM), together with the integrated debug module (DM),
permits non-intrusive, real-time in-circuit debugging and fast memory programming. The
interface can be activated in all device operation modes and can be connected to a running
device (hot plugging).The maximum data transmission speed is 145 byte/ms.
The SWIM pin is a multifunction signal. For further details refer to Table 8: Port P2 I/O
multiplexing signal in Section 7.4 on page 39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com