Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX325ATR Datasheet(PDF) 53 Page - STMicroelectronics

Part # STLUX325ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX325ATR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STLUX325ATR Datasheet HTML 49Page - STMicroelectronics STLUX325ATR Datasheet HTML 50Page - STMicroelectronics STLUX325ATR Datasheet HTML 51Page - STMicroelectronics STLUX325ATR Datasheet HTML 52Page - STMicroelectronics STLUX325ATR Datasheet HTML 53Page - STMicroelectronics STLUX325ATR Datasheet HTML 54Page - STMicroelectronics STLUX325ATR Datasheet HTML 55Page - STMicroelectronics STLUX325ATR Datasheet HTML 56Page - STMicroelectronics STLUX325ATR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 126 page
background image
DocID027870 Rev 1
53/126
STLUX
Memory and register map
126
8.2.12
System timer registers
8.2.13
Auxiliary timer registers
8.2.14
Digital addressable lighting interface (DALI)
Table 26. System timer register map
Address
Block
Register name
Register description
0x00.5340
STMR
STMR_CR1
Control register 1
0x00.5341
STMR_IER
Interrupt enable
0x00.5342
STMR_SR1
Status register 1
0x00.5343
STMR_EGR
Event generation
0x00.5344
STMR_CNTH
Counter high
0x00.5345
STMR_CNTL
Counter low
0x00.5346
STMR_PSCL
Prescaler low
0x00.5347
STMR_ARRH
Autoreload high
0x00.5348
STMR_ARRL
Autoreload low
Table 27. Auxiliary timer register map
Address
Block
Register name
Register description
0x00.5009
GPIO1
P1_CR2
Control register 2
0x00.5036
MSC
MSC_CFGP15
P15 input line control
0x00.5037
MSC_STSP1
Port 1 status
0x00.50C6
CKC
CLK_CCODIVR
CCO clock dividers
0x00.50C9
CLK_CCOR
Configurable clock output
Table 28. DALI register map
Address
Block
Register name
Register description
0x00.53C0
DALI
DALI_CLK_L
Data rate control
0x00.53C1
DALI_CLK_H
Data rate control
0x00.53C2
DALI_FB0
Forward message
0x00.53C3
DALI_FB1
Forward message
0x00.53C4
DALI_FB2
Forward message
0x00.53C5
DALI_BD
Backward message
0x00.53C6
DALI_CR
Control
0x00.53C7
DALI_CSR
Control and status register
0x00.53C8
DALI_CSR1
Control and status register 1
0x00.53C9
DALI_REVLN
Control reverse signal line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com