Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX325ATR Datasheet(PDF) 110 Page - STMicroelectronics

Part # STLUX325ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX325ATR Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STLUX325ATR Datasheet HTML 106Page - STMicroelectronics STLUX325ATR Datasheet HTML 107Page - STMicroelectronics STLUX325ATR Datasheet HTML 108Page - STMicroelectronics STLUX325ATR Datasheet HTML 109Page - STMicroelectronics STLUX325ATR Datasheet HTML 110Page - STMicroelectronics STLUX325ATR Datasheet HTML 111Page - STMicroelectronics STLUX325ATR Datasheet HTML 112Page - STMicroelectronics STLUX325ATR Datasheet HTML 113Page - STMicroelectronics STLUX325ATR Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 126 page
background image
Electrical characteristics
STLUX
110/126
DocID027870 Rev 1
12.3.10
10-bit SAR ADC characteristics
Subject to general operating conditions for VDDA, fMASTER, and TA unless otherwise
specified.
Table 88. ADC characteristics
Symbol
Parameter
Conditions
Min. Typ.
Max.
Unit
N
Resolution
10
bit
RADCIN ADC input impedance
1
M
fADC
ADC Clock frequency
1
6(1)
1. Frequency generated selecting the PLL source clock.
MHz
VIN1
Conversion voltage range for gain x1
0
1.25(2), (3)
2. Maximum input analog voltage cannot exceed VDDA.
3. Exceeding the maximum voltage on the ADCIN [7:0] signals (product depending) for the related
conversion scale must be avoided since the ADC conversion accuracy can be impacted.
VIN2
Conversion voltage range for gain x4(4)
4. Product depending.
00.3125(2), (3)
Vref
ADC main reference voltage(5)
5. ADC reference voltage at TA = 25 °C.
1.250
V
tS
Sampling time
fADC = 6 MHz
0.50
µs
tSTAB
Wakeup time from ADC standby
30
tCONV1
Single conversion time including
sampling time
fADC = 6 MHz
2.42
tCONV2
Continuous conversion time including
sampling time
fADC = 6 MHz
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com