Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56156ROM Datasheet(PDF) 39 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 39 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 35Page - Motorola, Inc DSP56156ROM Datasheet HTML 36Page - Motorola, Inc DSP56156ROM Datasheet HTML 37Page - Motorola, Inc DSP56156ROM Datasheet HTML 38Page - Motorola, Inc DSP56156ROM Datasheet HTML 39Page - Motorola, Inc DSP56156ROM Datasheet HTML 40Page - Motorola, Inc DSP56156ROM Datasheet HTML 41Page - Motorola, Inc DSP56156ROM Datasheet HTML 42Page - Motorola, Inc DSP56156ROM Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
AC Electrical Characteristics and Timing
MOTOROLA
DSP56156 Data Sheet
39
Host Port Timing
(VCC = 5.0 V dc ± 10%, TJ = -40° to +125°C, CL = 50 pF + 1 TTL Load)
T = ICYC / 4
cyc = Clock cycle = 1/2 instruction cycle= 2 T cycle
tHSDL = Host Synchronization Delay Time
(See Note 1)
tsuh = Host Processor Data Setup Time
Active low lines should be “pulled up” in a manner consistent with the AC and DC specifica-
tions.
Table 19 Host Port Timing
Num
Characteristic
40 MHz
50 MHz
60 MHz
Unit
Min
Max
Min
Max
Min
Max
100
tHSDL Host Synchronous Delay
(See Note 1)
T
3TT3T
T
3T
ns
101
HEN/HACK Assertion Width
• CVR, ICR, ISR Read
• Read
• Write
(See Notes 2, 4)
2T+36
32+tsuh
32
—
—
2T+33
29+tsuh
29
—
—
2T+30
26+tsuh
26
—
—
ns
102
HEN/HACK Deassertion Width
(See Note 2)
31
—
29
—
27
—
ns
103
Minimum Cycle Time Between Two
HEN Assertion for Consecutive
CVR, ICR, ISR Reads
4T+36
—
4T+33
—
4T+30
—
ns
104
Host Data Input Setup Time before
HEN/HACK Deassertion
5—
4
—
3
—
ns
105
Host Data Input Hold Time after
HEN/HACK Deassertion
7—
6
—
5
—
ns
106
HEN/HACK Assertion to Output
Data Active from High Impedance
0—
0
—
0
—
ns
107
HEN/HACK Assertion to Output
Data Valid
—32
—
29
—
26
ns
108
HEN/HACK Deassertion to Output
Data High Impedance
—
20
—
18.5
—
17
ns
109
Output Data Hold Time after
HEN/HACK Deassertion
5—
5
—
4
—
ns
Host Port Timing
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com