Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56156ROM Datasheet(PDF) 13 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 13 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 9Page - Motorola, Inc DSP56156ROM Datasheet HTML 10Page - Motorola, Inc DSP56156ROM Datasheet HTML 11Page - Motorola, Inc DSP56156ROM Datasheet HTML 12Page - Motorola, Inc DSP56156ROM Datasheet HTML 13Page - Motorola, Inc DSP56156ROM Datasheet HTML 14Page - Motorola, Inc DSP56156ROM Datasheet HTML 15Page - Motorola, Inc DSP56156ROM Datasheet HTML 16Page - Motorola, Inc DSP56156ROM Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
Pin Descriptions
MOTOROLA
DSP56156 Data Sheet
13
On-Chip Emulation
(OnCETM Port)
DSI/OS0 (Debug Serial Input/Chip Status 0)
—
bidirectional.
The DSI/OS0 pin, when
an input, is the pin through which seri-
al data or commands are provided to
the OnCE port controller. The data re-
ceived on the DSI pin will be recog-
nized only when the DSP has entered
the debug mode of operation. Data
must have valid TTL logic levels before
the serial clock falling edge. Data is al-
ways shifted into the OnCE serial port
most significant bit (MSB) first. When the
DSP is not in the debug mode, the DSI/
OS0 pin provides information about the
chip status if it is an output and used in
conjunction with the OS1 pin.
DSCK/OS1 (Debug Serial Clock/Chip Status 1)
— bidirectional. The DSCK/OS1 pin,
when an input, is the pin through
which the serial clock is supplied to the
OnCE port. The serial clock provides
pulses required to shift data into and
out of the OnCE serial port. Data is
clocked into the OnCE port on the fall-
ing edge and is clocked out of the
OnCE serial port on the rising edge. If
the DSCK/OS1 pin is an output and
used in conjunction with the OS0 pin, it
provides information about the chip
status when the DSP is not in the debug
mode.
DSO (Debug Serial)
— output. The debug
serial output provides the data con-
tained in one of the OnCE port control-
ler registers as specified by the last
command received from the command
controller. When idle, this pin is high.
When the requested data is available, the
DSO line will be asserted (negative true
logic) for four T cycles (one instruction
cycle) to indicate that the serial shift reg-
ister is ready to receive clocks in order to
deliver the data. When the chip enters
the debug mode due to an external de-
bug request (DR), an internal software
debug request (DEBUG), a hardware
breakpoint occurrence or a trace/step
occurrence, this line will be asserted for
three T cycles to indicate that the chip
has entered the debug mode and is wait-
ing for commands. Data is always shift-
ed out the OnCE serial port with the
most significant bit first.
DR (Debug Request)
— input. The debug
request input provides a means of en-
tering the debug mode of operation.
This pin, when asserted, will cause the
DSP to finish the current instruction be-
ing executed, enter the debug mode,
and wait for commands to be entered
from the debug serial input line.
On-Chip Codec
AUX (Auxiliary)
— input. This pin is select-
ed as the analog input to the A/D con-
verter when the INS bit is set in the
codec control register COCR. This pin
should be left floating when the codec
is not used.
BIAS (Bias current)
— input. This input is
used to determine the bias current for
the analog circuitry. Connecting a re-
sistor between BIAS and GNDA will
program the current bias generator.
This pin should be left floating when
the codec is not used.
MIC (Microphone)
— input. This pin is se-
lected as the analog input to the A/D
converter when the INS bit is cleared in
OnCE
On-Chip Codec
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com