Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56156ROM Datasheet(PDF) 49 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 49 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 45Page - Motorola, Inc DSP56156ROM Datasheet HTML 46Page - Motorola, Inc DSP56156ROM Datasheet HTML 47Page - Motorola, Inc DSP56156ROM Datasheet HTML 48Page - Motorola, Inc DSP56156ROM Datasheet HTML 49Page - Motorola, Inc DSP56156ROM Datasheet HTML 50Page - Motorola, Inc DSP56156ROM Datasheet HTML 51Page - Motorola, Inc DSP56156ROM Datasheet HTML 52Page - Motorola, Inc DSP56156ROM Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
AC Electrical Characteristics and Timing
MOTOROLA
DSP56156 Data Sheet
49
Timer Timing
(VCC = 5.0 V dc ± 10%, TJ = -40° to +125°C, CL = 50 pF + 1 TTL Load)
Figure 32 Timer Timing
Table 21 Timer Timing
Num
Characteristic
40/50/60 MHz
Unit
Min
Max
170
TIN Valid to CLKO Low (Setup time)
6
—ns
171
CLKO Low to TIN Invalid (Hold time)
0
—
ns
172
CLKO High to TOUT Asserted
3.5
14
ns
173
CLKO High to TOUT Deasserted
5.1
20.7
ns
174
TIN Period
8T
—
ns
175
TIN High/Low Period
4T
—
ns
170
172
171
173
CLKO
(Output)
TIN
(Input)
TOUT
(Output)
OnCE Port Timing
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com