Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56156ROM Datasheet(PDF) 29 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 29 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 25Page - Motorola, Inc DSP56156ROM Datasheet HTML 26Page - Motorola, Inc DSP56156ROM Datasheet HTML 27Page - Motorola, Inc DSP56156ROM Datasheet HTML 28Page - Motorola, Inc DSP56156ROM Datasheet HTML 29Page - Motorola, Inc DSP56156ROM Datasheet HTML 30Page - Motorola, Inc DSP56156ROM Datasheet HTML 31Page - Motorola, Inc DSP56156ROM Datasheet HTML 32Page - Motorola, Inc DSP56156ROM Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
AC Electrical Characteristics and Timing
MOTOROLA
DSP56156 Data Sheet
29
External Bus Synchronous Timing
(VCC = 5.0 V dc ± 10%, TJ = -40° to +125°C, CL = 50 pF + 1 TTL Load)
Table 15 lists external bus synchronous timing. Figure 17 and illustrate the bus timings
with no wait states and two wait states, respectively.
Table 15 External Bus Synchronous Timing
Num
Characteristic
40 MHz
50 MHz
60 MHz
Unit
Min
Max
Min
Max
Min
Max
34
EXTAL CLK In High to CLKO High
2.4
9
2.4
9
2.4
9
ns
35
CLKO High to
a. A0-A15 Valid
b. PS/DS, R/W Valid, BS, RD Asserted
4.7
4.7
12
14
4.7
4.7
12
14
4.7
4.7
12
(See Note)
4
ns
ns
36
BS Width Deasserted
18.3
—
13.4
—
9.8
—
ns
37
CLKO High to WR Asserted Low
T+3.1
T+12.4
T+3.1
T+12.4
T+3.1
T+12.4
ns
38
WR and RD Deasserted High to BS
Asserted Low (2 Successive Bus Cycles)
14.3
15.8
11.8
13.3
10.2
11.8
ns
39
<intentionally blank>
40
CLKO High to BS Deasserted
2.6
10.3
2.6
10.3
2.6
10.3
ns
41
TA Valid to CLKO High (Setup)
4.5
—
4.5
—
4.5
—
ns
42
CLKO High to TA Invalid (Hold)
0
—
0
—
0
—
ns
43
CLKO High to D0-D15 Out Valid
1.7
7.1
1.7
7.1
1.7
7.1
ns
44
CLKO High to D0-D15 Out Invalid
2.0
—
2.0
—
2.0
—
ns
45
D0-D15 In Valid to CLKO Low (Setup)
6
—
6
—
6
—
ns
46
CLKO Low to D0-D15 In Invalid (Hold)
0
—
0
—
0
—
ns
47
CLKO Low to WR, RD Deasserted
—
10
—
10
—
10
ns
48
WR, RD Hold Time from CLKO Low
2.2
—
2.2
—
2.2
—
ns
49
CLKO High to D0-D15 Three-state
0
6
0
6
0
6
ns
50
CLKO High to D0-D15 Out Active
1.2
4.2
1.2
4.2
1.2
4.2
ns
51
CLKO High to A0-A15, PS/DS, R/W Invalid
2.8
—
2.8
—
2.8
—
ns
NOTE:
10 ns CL = 25 pF
External Bus Synchronous Timing
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com