Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56156ROM Datasheet(PDF) 18 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 18 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 14Page - Motorola, Inc DSP56156ROM Datasheet HTML 15Page - Motorola, Inc DSP56156ROM Datasheet HTML 16Page - Motorola, Inc DSP56156ROM Datasheet HTML 17Page - Motorola, Inc DSP56156ROM Datasheet HTML 18Page - Motorola, Inc DSP56156ROM Datasheet HTML 19Page - Motorola, Inc DSP56156ROM Datasheet HTML 20Page - Motorola, Inc DSP56156ROM Datasheet HTML 21Page - Motorola, Inc DSP56156ROM Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
Electrical Characteristics and Timing
18
DSP56156 Data Sheet
MOTOROLA
Other On-Chip Codec Characteristics
(VCCA = 5.0 V dc ± 10%, TJ = -40° to +125°C, CL = 50 pF + 1 TTL Load)
The analog I/O characteristics of this device are shown in Table 9.
Table 9 Analog I/O Characteristics of On-Chip Codec
Characteristic
Min
Typ
Max
Unit
Codec Master Clock
0.1
2.048
3
MHz
Codec Sampling Rate
78
16000
37000
Hz
A/D Section Group Delay
——
0.2
msec
D/A Section Group Delay
—
—
0.2
msec
Other On-Chip Codec Characteristics
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com