Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56156ROM Datasheet(PDF) 21 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 21 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 17Page - Motorola, Inc DSP56156ROM Datasheet HTML 18Page - Motorola, Inc DSP56156ROM Datasheet HTML 19Page - Motorola, Inc DSP56156ROM Datasheet HTML 20Page - Motorola, Inc DSP56156ROM Datasheet HTML 21Page - Motorola, Inc DSP56156ROM Datasheet HTML 22Page - Motorola, Inc DSP56156ROM Datasheet HTML 23Page - Motorola, Inc DSP56156ROM Datasheet HTML 24Page - Motorola, Inc DSP56156ROM Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
AC Electrical Characteristics and Timing
MOTOROLA
DSP56156 Data Sheet
21
Figure 5 External Clock Timing
Other Clock and PLL Operation Timing
Clock and PLL timings are listed in Table 12 and the clocking configurations are illustrated in
Figure 6.
Figure 6 Clocking Configurations
EXTAL
VIHC
Midpoint
7
8
4
2
5
6
TH
TL
90%
10%
VILC
Table 12 Clock and PLL Timing
Characteristics
Min
Max
Unit
PLL Output frequency
10
Max Fosc
(See Note 1)
MHz
EXTAL Input Clock Amplitude (See Note 2)
1
VCC
Vpp
NOTES:
1. Maximum DSP operating frequency. See Table 11.
2. An AC coupling capacitor is required on EXTAL if the levels are out of the normal CMOS level
range (VILC>20% of VCC or VIHC<70% of VCC).
EXTAL
PLL
PLLE=1
PLLE=0
Fosc
ED3-ED0
CLKO
÷ 2
internal phase PH0 at Fosc
CS1-CS0
1000 pF
GSM
SXFC
VCCS
XFC
0.01
µF
GNDS
0.1
µF
100 K
Ω
÷ 1 to ÷ 16
÷ 6.5
CODEC
VCO
LF
PFD
YD3-YD0
÷ 1 to ÷ 16
10 nF
÷ 4
Clock Operation Timing
PLL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com