Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56156ROM Datasheet(PDF) 2 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 2 Page - Motorola, Inc

  DSP56156ROM Datasheet HTML 1Page - Motorola, Inc DSP56156ROM Datasheet HTML 2Page - Motorola, Inc DSP56156ROM Datasheet HTML 3Page - Motorola, Inc DSP56156ROM Datasheet HTML 4Page - Motorola, Inc DSP56156ROM Datasheet HTML 5Page - Motorola, Inc DSP56156ROM Datasheet HTML 6Page - Motorola, Inc DSP56156ROM Datasheet HTML 7Page - Motorola, Inc DSP56156ROM Datasheet HTML 8Page - Motorola, Inc DSP56156ROM Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
2
DSP56156 Data Sheet
MOTOROLA
Introduction
DSP56156 Features
Digital Signal Processing Core
• Efficient, object code compatible, 16-bit 56100-Family DSP engine
— Up to 30 Million Instructions Per Second (MIPS) – 33 ns instruction cycle at 60 MHz
— Up to 180 Million Operations Per Second (MOPS) at 60 MHz
— Highly parallel instruction set with unique DSP addressing modes
— Two 40-bit accumulators including extension byte
— Parallel 16
× 16-bit multiply-accumulate in 1 instruction cycle (2 clock cycles)
— Double precision 32
× 32-bit multiply with 72-bit result in 6 instruction cycles
— Least Mean Square (LMS) adaptive loop filter in 2 instructions
— 40-bit Addition/Subtraction in 1 instruction cycle
— Fractional and integer arithmetic with support for multiprecision arithmetic
— Hardware support for block-floating point FFT
— Hardware-nested DO loops including infinite loops
— Zero-overhead fast interrupts (2 instruction cycles)
— Three 16-bit internal data buses and three 16-bit internal address buses for
maximum information transfer on-chip
Memory
• On-chip Harvard architecture permitting simultaneous accesses to program
and memories
• 2048
× 16-bit on-chip program RAM and 64 × 16-bit bootstrap ROM
(or 12 k
× 16-bit on-chip program ROM on the DSP56156ROM)
• 2048
× 16-bit on-chip data RAM
• External memory expansion with 16-bit address and data buses
• Bootstrap loading from external data bus, Host Interface, or
Synchronous Serial Interface
Peripheral and Support Circuits
• Byte-wide Host Interface (HI) with Direct Memory Access support
• Two Synchronous Serial Interfaces (SSI) to communicate with codecs and
synchronous serial devices
— Built in µ-law and A-law compression/expansion
— Up to 32 software-selectable time slots in network mode
• 16-bit Timer/Event Counter also generates and measures digital waveforms
• On-chip sigma-delta voice band Codec:
— Sampling clock rates between 100 kHz and 3 MHz
— Four software-programmable decimation/interpolation ratios
— Internal voltage reference ( 2/5 of positive power supply)
— No external components required
DSP56156 Features
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com