Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56156ROM Datasheet(PDF) 1 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 1 Page - Motorola, Inc

  DSP56156ROM Datasheet HTML 1Page - Motorola, Inc DSP56156ROM Datasheet HTML 2Page - Motorola, Inc DSP56156ROM Datasheet HTML 3Page - Motorola, Inc DSP56156ROM Datasheet HTML 4Page - Motorola, Inc DSP56156ROM Datasheet HTML 5Page - Motorola, Inc DSP56156ROM Datasheet HTML 6Page - Motorola, Inc DSP56156ROM Datasheet HTML 7Page - Motorola, Inc DSP56156ROM Datasheet HTML 8Page - Motorola, Inc DSP56156ROM Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
© MOTOROLA INC., 1994
MOTOROLA
TECHNICAL DATA
SEMICONDUCTOR
The DSP56156 is a general-purpose MPU-style Digital Signal Processor (DSP). On a single semi-
conductor chip, the DSP56156 comprises a very efficient 16-bit digital signal processing core, pro-
gram and data memories, a number of peripherals, and system support circuitry. Unique features
of the DSP56156 include a built-in sigma-delta (²ý) codec and phase-locked loop (PLL). This com-
bination of features makes the DSP56156 a cost-effective, high-performance solution for many DSP
applications, especially speech coding, digital communications, and cellular base stations.
The central processing unit of the DSP56156 is the DSP56100 core processor. Like all DSP56100-
based DSPs, the DSP56156 consists of three execution units operating in parallel, allowing up to
six operations to be performed during each instruction cycle. This parallelism greatly increases the
effective processing speed of the DSP56156. The MPU-style programming model and instruction
set allow straightforward generation of efficient, compact code. The basic architectures and devel-
opment tools of Motorola's 16-bit, 24-bit, and 32-bit DSPs are so similar that understanding how to
design and program one greatly reduces the time needed to learn the others.
On-Chip Emulation (OnCETM port) circuitry provides convenient and inexpensive debug facil-
ities normally available only through expensive external hardware. Development costs are re-
duced and in-field testing is greatly simplified using the OnCETM port. Figure 1 illustrates the
DSP56156 in detail.
Figure 1 DSP56156 Block Diagram
Specifications and information herein are subject to change without notice.
OnCE is a trademark of Motorola, Inc.
Data
16
Control
9
Address
16
Data ALU
16 x 16 + 40 —> 40-bit MAC
Two 40-bit Accumulators
PLL
Clock
Gen.
GDB
PDB
XDB
Internal
Data
Bus
Switch
External
Data
Bus
Switch
Bus
Control
PAB
XAB1
XAB2
Address
Generation
Unit
External
Address
Bus
Switch
IRQ
2
16-bit Bus
16-bit
56100 DSP
Core
Program
Address
Generator
Program
Decode
Controller
Interrupt
Control
Program Control Unit
Sigma-
Delta
Codec
4
3
OnCE™ Port
16-bit
Timer/
Event
Counter
Sync.
Serial
(SSI)
or
I/O
Host
Interface
(HI)
or
I/O
5
15
2
(boot)
Sync.
Serial
(SSI)
or
I/O
5
7
Data
Memory
2048
× 16 RAM
Program
Memory *
2048
× 16 RAM
64
× 16 ROM
* 12 k x 16 ROM replaces the program RAM on the DSP56156ROM
Advance Information
16-bit Digital Signal Processor
DSP56156
Order this document
by DSP56156/D
REV 1
DSP56156ROM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP56156ROM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56100 MOTOROLA-DSP56100 Datasheet
448Kb / 63P
16-bit General Purpose Digital Signal Processor
DSP56166 MOTOROLA-DSP56166 Datasheet
448Kb / 63P
16-bit General Purpose Digital Signal Processor
DSP56166ROM MOTOROLA-DSP56166ROM Datasheet
448Kb / 63P
16-bit General Purpose Digital Signal Processor
More results

Similar Description - DSP56156ROM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F802 MOTOROLA-DSP56F802 Datasheet
386Kb / 32P
DSP56F802 16-bit Digital Signal Processor
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
16-BIT DSP DIGITAL SIGNAL PROCESSOR
Z89390 ZILOG-Z89390 Datasheet
74Kb / 11P
16-BIT DIGITAL SIGNAL PROCESSOR
Z89C00 ZILOG-Z89C00 Datasheet
179Kb / 28P
16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F801 MOTOROLA-DSP56F801 Datasheet
343Kb / 40P
16-bit Digital Signal Processor
DSP56852 MOTOROLA-DSP56852 Datasheet
1,004Kb / 44P
DSP56852 16-bit Digital Signal Processor
DSP56824DS MOTOROLA-DSP56824DS Datasheet
1Mb / 62P
DSP56824 16-Bit Digital Signal Processor
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56603 FREESCALE-DSP56603 Datasheet
247Kb / 4P
16-BIT DIGITAL SIGNAL PROCESSOR
logo
NXP Semiconductors
DSP56824 NXP-DSP56824 Datasheet
1Mb / 62P
DSP56824 16-Bit Digital Signal Processor
Rev. 2.0, 01/2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com