Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56156ROM Datasheet(PDF) 3 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 3 Page - Motorola, Inc

  DSP56156ROM Datasheet HTML 1Page - Motorola, Inc DSP56156ROM Datasheet HTML 2Page - Motorola, Inc DSP56156ROM Datasheet HTML 3Page - Motorola, Inc DSP56156ROM Datasheet HTML 4Page - Motorola, Inc DSP56156ROM Datasheet HTML 5Page - Motorola, Inc DSP56156ROM Datasheet HTML 6Page - Motorola, Inc DSP56156ROM Datasheet HTML 7Page - Motorola, Inc DSP56156ROM Datasheet HTML 8Page - Motorola, Inc DSP56156ROM Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
MOTOROLA
DSP56156 Data Sheet
3
Introduction
• On-chip peripheral registers memory mapped in data memory space
• Double buffered peripherals
• Up to 27 general purpose I/O pins
• Two external interrupt request pins
• On-Chip Emulation (OnCE™) port for unobtrusive, processor speed-independent
debugging
• Software-programmable, Phase-Locked Loop-based (PLL) frequency synthesizer for the
core clock
Miscellaneous Features
• Power-saving Wait and Stop modes
• Fully static, HCMOS design for operating frequencies from 40 or 60 MHz down to DC
• 112-pin Ceramic Quad Flat Pack (CQFP) surface-mount package; 20
× 20 × 3 mm
• 112-pin Plastic Thin Quad Flat Pack (TQFP) surface-mount package; 20
× 20 × 1.5 mm
• 5 V power supply
Product Documentation
This data sheet plus the two manuals listed in Table 1 are required for a complete DSP56156
description and are necessary to properly design with the part. Documentation is available
from a local Motorola distributor, a semiconductor sales office, or through a Motorola Litera-
ture Distribution Center.
Table 1 DSP56156 Documentation
Topic
Description
Order Number
DSP56100 Family Manual
Detailed description of the 56000-
family architecture and the 16-bit core
processor and instruction set
DSP56100FAMUM/AD
DSP56156 User’s Manual
Detailed description of memory,
peripherals, and interfaces
DSP56156UM/AD
DSP56156 Data Sheet
Pin and package descriptions, and
electrical and timing specifications
DSP56156/D
DSP56156 Features
Documentation
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com