Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56156ROM Datasheet(PDF) 27 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 27 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 23Page - Motorola, Inc DSP56156ROM Datasheet HTML 24Page - Motorola, Inc DSP56156ROM Datasheet HTML 25Page - Motorola, Inc DSP56156ROM Datasheet HTML 26Page - Motorola, Inc DSP56156ROM Datasheet HTML 27Page - Motorola, Inc DSP56156ROM Datasheet HTML 28Page - Motorola, Inc DSP56156ROM Datasheet HTML 29Page - Motorola, Inc DSP56156ROM Datasheet HTML 30Page - Motorola, Inc DSP56156ROM Datasheet HTML 31Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
AC Electrical Characteristics and Timing
MOTOROLA
DSP56156 Data Sheet
27
Table 14 Wait and Stop Timings
Num
Characteristics
40 MHz
50 MHz
60 MHz
Unit
Min
Max
Min
Max
Min
Max
30
DR Asserted to CLK high (Setup
Time for Synchronous Recovery
from Wait State)
10
cyc - 4
9
cyc - 3
8
cyc - 2
ns
31
CLK high to DSO (ACK) Valid
(Enter Debug Mode) after Syn-
chronous Recovery from Wait
State
18 cyc
—
18 cyc
—
18 cyc
—
ns
32
DR to DSO (ACK) Valid
(Enter Debug Mode)
- After Asynchronous Recovery
from Stop State
- After Asynchronous Recovery
from Wait State
29 cyc
18 cyc
—
—
29 cyc
18 cyc
—
—
29 cyc
18 cyc
—
—
ns
ns
33
DR Assertion Width
- to Recover from Wait/Stop
without entering debug mode
- to Recover from Wait/Stop
short wake-up and enter
debug mode
- to Recover from Stop
long wake-up and enter
debug mode
12
29 cyc
262157
cyc
10 cyc
—
—
11
29 cyc
262157
cyc
10 cyc
—
—
10
29 cyc
262157
cyc
10 cyc
—
—
ns
ns
ns
Figure 15 Recovery from Wait State Using DR Pin — Synchronous Timing
DR
(input)
DSO
(output)
33
32
33
Reset, Stop, Wait, Mode Select, and Interrupt Timing
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com